Electronic Components Datasheet Search
  English  ▼

X  

ML22Q533 Datasheet(PDF) 112 Page - Rohm

Part # ML22Q533
Description  4-Channel Mixin g Speec h Synthesis LSIs with Built-in Flash M emor y fo r Automotive
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

ML22Q533 Datasheet(HTML) 112 Page - Rohm

Back Button ML22Q533 Datasheet HTML 108Page - Rohm ML22Q533 Datasheet HTML 109Page - Rohm ML22Q533 Datasheet HTML 110Page - Rohm ML22Q533 Datasheet HTML 111Page - Rohm ML22Q533 Datasheet HTML 112Page - Rohm ML22Q533 Datasheet HTML 113Page - Rohm ML22Q533 Datasheet HTML 114Page - Rohm ML22Q533 Datasheet HTML 115Page - Rohm ML22Q533 Datasheet HTML 116Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 178 page
background image
FEDL22Q53X-02
ML22Q53X
 FADE command
・ Command
0
0
0
0
1
1
0
0
1st byte
0
0
0
0
FCON2
FCON1
FCON0
FADE
2nd byte
The FADE command sets the Fade function. This command can be input regardless of the NCR signal status.
By using the fade function, the volume changes stepwise when the volume is changed by the CVOL command or the PAN
command.
FADE
Description
0
Fade function disabled (initial value)
1
Fade function enabled
FCON2 to FCON0 set the volume that changes at every unit-time (sampling group period
*1) when the volume is changed to
the volume set by the CVOL command or the PAN command.
FCON2
FCON1
FCON0
Description
0
0
0
Volume change in 0 dB × 128/32768 steps
0
0
1
Volume change in 0 dB × 64/32768 steps
0
1
0
Volume change in 0 dB × 32/32768 steps
0
1
1
Volume change in 0 dB × 16/32768 steps
1
0
0
Volume change in 0 dB × 8/32768 steps
1
0
1
Volume change in 0 dB × 4/32768 steps
1
1
0
Volume change in 0 dB × 2/32768 steps
1
1
1
Volume change in 0 dB × 1/32768 steps
The smaller the voltage step that changes for each sampling frequency group, the less the pop noise, but the longer the
transition time until the set volume is reached. The transition time is expressed by the following equation.
Volume-transition time for CVOL command
=|[Current CVOL setting]-[New CVOL setting]|
× [Sampling-frequency group
*1]
× {264 ÷ (256 ÷ 2^[FCON2-FCON0 setting])}
*2
*1 Sampling frequency group
At 10.7/21.3kHz:
23.44
μs
At 6.4/12.8/25.6kHz:
39.06μs
At 8.0/16.0/32.0kHz:
31.25μs
At 11.025/22.05/44.1kHz:
22.68μs
At 12.0/24.0/48.0kHz:
20.83μs
*2 Rounding up after the decimal point
For the timing of the FADE command, refer to the "FADE command timing" in the timing chart.
112/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com