Electronic Components Datasheet Search
  English  ▼

X  

ML22Q533 Datasheet(PDF) 133 Page - Rohm

Part # ML22Q533
Description  4-Channel Mixin g Speec h Synthesis LSIs with Built-in Flash M emor y fo r Automotive
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

ML22Q533 Datasheet(HTML) 133 Page - Rohm

Back Button ML22Q533 Datasheet HTML 129Page - Rohm ML22Q533 Datasheet HTML 130Page - Rohm ML22Q533 Datasheet HTML 131Page - Rohm ML22Q533 Datasheet HTML 132Page - Rohm ML22Q533 Datasheet HTML 133Page - Rohm ML22Q533 Datasheet HTML 134Page - Rohm ML22Q533 Datasheet HTML 135Page - Rohm ML22Q533 Datasheet HTML 136Page - Rohm ML22Q533 Datasheet HTML 137Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 178 page
background image
FEDL22Q53X-02
ML22Q53X
 PAN command
・ Command
1
1
1
1
0
0
C1
C0
1st byte
R3
R2
R1
R0
L3
L2
L1
L0
2nd byte
The PAN command sets the volume of the Lch/Rch during serial audio interface (SAI) operation. This command can be
input regardless of the NCR signal status.
Set the volume during playback or before starting playback. The initial value is 0dB for both channels.
The Fade function can change the volume step by step.
The channel settings are as follows:
C1
C0
Description
0
0
Channel 0
0
1
Channel 1
1
0
Channel 2
1
1
Channel 3
The volume settings are as follows:
R3/L3
R2/L2
R1/L1
R0/L0
Description
0
0
0
0
0 dB (initial value)
0
0
0
1
-0.58dB
0
0
1
0
-1.20dB
0
0
1
1
-1.87dB
0
1
0
0
-2.59dB
0
1
0
1
-3.38dB
0
1
1
0
-4.25dB
0
1
1
1
-5.22dB
1
0
0
0
-6.31dB
1
0
0
1
-7.55dB
1
0
1
0
-9.00dB
1
0
1
1
-10.74dB
1
1
0
0
-12.93dB
1
1
0
1
-15.85dB
1
1
1
0
-20.28dB
1
1
1
1
OFF
For the fade function, refer to the "FADE command".
For adjusting the Lch/Rch volume using FADE command, refer to the "Volume Settings" in the function description.
For the PAN command input timing, refer to the "Change volume timing by PAN command" in the timing chart.
133/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com