Electronic Components Datasheet Search
  English  ▼

X  

ML22Q533 Datasheet(PDF) 137 Page - Rohm

Part # ML22Q533
Description  4-Channel Mixin g Speec h Synthesis LSIs with Built-in Flash M emor y fo r Automotive
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

ML22Q533 Datasheet(HTML) 137 Page - Rohm

Back Button ML22Q533 Datasheet HTML 133Page - Rohm ML22Q533 Datasheet HTML 134Page - Rohm ML22Q533 Datasheet HTML 135Page - Rohm ML22Q533 Datasheet HTML 136Page - Rohm ML22Q533 Datasheet HTML 137Page - Rohm ML22Q533 Datasheet HTML 138Page - Rohm ML22Q533 Datasheet HTML 139Page - Rohm ML22Q533 Datasheet HTML 140Page - Rohm ML22Q533 Datasheet HTML 141Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 178 page
background image
FEDL22Q53X-02
ML22Q53X
 SAITCON command
・ Command
1
1
1
0
0
0
1
1
1st byte
BWO
0
0
MSBO
ISSCKO
0
DLYO
WSLO
2nd byte
The SAITCON command sets the serial audio interface (SAI) transmission format.
Use the same format as that of SAIRCON command.
Set this bit when the Lch-side serial audio interface (SAI) operation of the SAICH command is stopped (LEN="0") and the
Rch-side serial audio interface (SAI) operation is stopped (REN="0"). If either LEN or REN is set to "1", the entered
SAITCON command is ignored.
WSLO specifies the LRCLK polarities when transmitting.
WSLO
Description
0
L channel is transmitted when LRCLK is "L" level,
R channel is transmitted when LRCLK is "H" level (initial value)
1
L channel is transmitted when LRCLK is "H" level,
R channel is transmitted when LRCLK is "L" level
DLYO specifies whether transmit data has a 1-clock delay or not.
DLYO
Description
0
Serial data delay (initial value)
1
No serial data delay
ISSCKO specifies the BCLK pin as 32fs or 64fs.
ISSCKO
Description
0
32 fs (initial value)
1
64 fs
MSBO specifies MSB first or LSB first in the transmit data.
MSBO
Description
0
MSB first (initial value)
1
LSB first
BWO specifies the bit width for transmission.
BWO
Description
0
16-bit straight PCM (initial value)
1
8-bit straight PCM
For the transmission format, refer to the "SAI (Serial Audio Interface)" in the function description.
For the timing of inputting the SAITCON command, refer to "SAITCON command timing" in the timing chart.
137/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com