Electronic Components Datasheet Search
  English  ▼

X  

ML22Q533 Datasheet(PDF) 139 Page - Rohm

Part # ML22Q533
Description  4-Channel Mixin g Speec h Synthesis LSIs with Built-in Flash M emor y fo r Automotive
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

ML22Q533 Datasheet(HTML) 139 Page - Rohm

Back Button ML22Q533 Datasheet HTML 135Page - Rohm ML22Q533 Datasheet HTML 136Page - Rohm ML22Q533 Datasheet HTML 137Page - Rohm ML22Q533 Datasheet HTML 138Page - Rohm ML22Q533 Datasheet HTML 139Page - Rohm ML22Q533 Datasheet HTML 140Page - Rohm ML22Q533 Datasheet HTML 141Page - Rohm ML22Q533 Datasheet HTML 142Page - Rohm ML22Q533 Datasheet HTML 143Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 178 page
background image
FEDL22Q53X-02
ML22Q53X
 SAIMOD command
・ Command
1
1
1
0
0
1
0
1
1st byte
0
0
0
BSWP
0
0
0
0
2nd byte
The SAIMOD command sets the mode of the serial audio interface (SAI).
Set this bit when the Lch-side serial audio interface (SAI) operation of the SAICH command is stopped (LEN="0") and the
Rch-side serial audio interface (SAI) operation is stopped (REN="0"). If either LEN or REN is set to "1", the entered
SAIMOD command is ignored.
BSWP sets byte-swapping of the order of the data to be transmitted and the data to be received.
BSWP
Description
0
No byte-swap (16-bit data order: 0bit-7 bit, 8bit-15 bit) (initial value)
1
With byte swap (16-bit data order: 8bit-15 bit, 0bit-7 bit)
For the timing of inputting the SAIMOD command, refer to the "SAIMOD command timing" in the timing chart.
139/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com