Electronic Components Datasheet Search
  English  ▼

X  

ML22Q533 Datasheet(PDF) 135 Page - Rohm

Part # ML22Q533
Description  4-Channel Mixin g Speec h Synthesis LSIs with Built-in Flash M emor y fo r Automotive
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

ML22Q533 Datasheet(HTML) 135 Page - Rohm

Back Button ML22Q533 Datasheet HTML 131Page - Rohm ML22Q533 Datasheet HTML 132Page - Rohm ML22Q533 Datasheet HTML 133Page - Rohm ML22Q533 Datasheet HTML 134Page - Rohm ML22Q533 Datasheet HTML 135Page - Rohm ML22Q533 Datasheet HTML 136Page - Rohm ML22Q533 Datasheet HTML 137Page - Rohm ML22Q533 Datasheet HTML 138Page - Rohm ML22Q533 Datasheet HTML 139Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 178 page
background image
FEDL22Q53X-02
ML22Q53X
 SAICON command
・ Command
1
1
1
0
0
0
1
0
1st byte
FS3
FS2
FS1
FS0
0
1
INEN
OUTEN
2nd byte
The SAICON command enable/disable input/output from the serial audio interface (SAI) pins.
Set this bit when the Lch-side serial audio interface (SAI) operation of the SAICH command is stopped (LEN="0") and the
Rch-side serial audio interface (SAI) operation is stopped (REN="0"). If either LEN or REN is set to "1", the entered
SAICON command is ignored.
OUTEN
Description
0
Stops SAI OUT pin output (initial value)
1
Start SAI_OUT pin output
INEN
Description
0
Invalid SAI IN pin input (initial value)
1
Valid SAI_IN pin input
The FS3 to FS0 select the sampling frequency used for the serial audio interface (SAI).
FS3
FS2
FS1
FS0
Description
0
0
0
0
8 kHz (initial value)
0
0
0
1
16kHz
0
0
1
0
32kHz
0
0
1
1
Setting prohibited
0
1
0
0
11.025kHz
0
1
0
1
22.05kHz
0
1
1
0
44.1kHz
0
1
1
1
Setting prohibited
1
0
0
0
12kHz
1
0
0
1
24kHz
1
0
1
0
48kHz
1
0
1
1
Setting prohibited
1
1
0
0
Setting prohibited
1
1
0
1
Setting prohibited
1
1
1
0
Setting prohibited
1
1
1
1
Setting prohibited
135/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com