Electronic Components Datasheet Search
  English  ▼

X  

ML22Q533 Datasheet(PDF) 134 Page - Rohm

Part # ML22Q533
Description  4-Channel Mixin g Speec h Synthesis LSIs with Built-in Flash M emor y fo r Automotive
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

ML22Q533 Datasheet(HTML) 134 Page - Rohm

Back Button ML22Q533 Datasheet HTML 130Page - Rohm ML22Q533 Datasheet HTML 131Page - Rohm ML22Q533 Datasheet HTML 132Page - Rohm ML22Q533 Datasheet HTML 133Page - Rohm ML22Q533 Datasheet HTML 134Page - Rohm ML22Q533 Datasheet HTML 135Page - Rohm ML22Q533 Datasheet HTML 136Page - Rohm ML22Q533 Datasheet HTML 137Page - Rohm ML22Q533 Datasheet HTML 138Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 178 page
background image
FEDL22Q53X-02
ML22Q53X
 SAICH command
・ Command
1
1
1
0
0
0
0
1
1st byte
0
LC1
LC0
LEN
0
RC1
RC0
REN
2nd byte
The SAICH command sets the operation of the serial audio interface (SAI) and the channels on the Lch and Rch sides. Set
these bits when channels other than SAIs are not playing back (BUSYBn is "1").
LEN and REN set the operation of the Lch side and the Rch side.
LEN
Description
0
Stops the operation of the serial audio interface (SAI) on the Lch side (initial
1
Starts the operation of the serial audio interface (SAI) on the Lch side.
REN
Description
0
Stops the operation of the serial audio interface (SAI) on the Rch side (initial
1
Starts the operation of the serial audio interface (SAI) on the Rch side.
LC1 to LC0 and RC1 to RC0 specify the playback channels of the Lch and Rch sides.
RC1
RC0
Description
0
0
Specify Rch-side channel 0 (CH0).
0
1
Specify Rch-side channel 1 (CH1).
1
0
Specify Rch-side channel 2 (CH2).
1
1
Specify Rch-side channel 3 (CH3).
LC1
LC0
Description
0
0
Specify Lch-side channel 0 (CH0).
0
1
Specify Lch-side channel 1 (CH1).
1
0
Specify Lch-side channel 2 (CH2).
1
1
Specify Lch-side channel 3 (CH3).
The LEN and REN bits cannot be set to "1" when the channels specified by LC1 to LC0 and RC1 to RC0 are playing back in
a mode other than SAI (BUSYBn = "L").
If you want to set LEN="0" and REN="1" with LEN="1" and REN="0", set LEN="0" and REN="1" after setting
LEN=REN="0".
When LEN and REN are set to "1" with the same channel specified by LC1 to LC0 and RC1 to RC0, only the Lch operates.
Start the LRCLK/BCLK input after entering the SAICON command.
Subsequently, enter the MUON command and then the SAICH command.
After entering the MUON command, enter the SAICH command at least 10ms prior to the end of the silence period set by the
MUON command.
Use a channel that is not played back by SAICH as the playback channel set by MUON commands. To mix with ROM
playback, use a channel for ROM playback. When ROM playback is started within the silence time set by the MUON
commands, resulting in continuous playback, ROM playback is started after the set silence time elapses.
For the timing of inputting the SAICH command, refer to the "SAICH command timing" in the timing chart.
When LRCLK is faster by 5% or more, SAICH is initialized. For LRCLK failure detection, refer to the "Function
description" section.
134/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com