Electronic Components Datasheet Search
  English  ▼

X  

ML22Q533 Datasheet(PDF) 138 Page - Rohm

Part # ML22Q533
Description  4-Channel Mixin g Speec h Synthesis LSIs with Built-in Flash M emor y fo r Automotive
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

ML22Q533 Datasheet(HTML) 138 Page - Rohm

Back Button ML22Q533 Datasheet HTML 134Page - Rohm ML22Q533 Datasheet HTML 135Page - Rohm ML22Q533 Datasheet HTML 136Page - Rohm ML22Q533 Datasheet HTML 137Page - Rohm ML22Q533 Datasheet HTML 138Page - Rohm ML22Q533 Datasheet HTML 139Page - Rohm ML22Q533 Datasheet HTML 140Page - Rohm ML22Q533 Datasheet HTML 141Page - Rohm ML22Q533 Datasheet HTML 142Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 178 page
background image
FEDL22Q53X-02
ML22Q53X
 SAIRCON command
・ Command
1
1
1
0
0
1
0
0
1st byte
BWI
0
0
MSBI
ISSCKI
AFOI
DLYI
WSLI
2nd byte
The SAIRCON command sets the serial audio interface (SAI) reception format.
Use the same format as that of SAITCON command.
Set this bit when the Lch-side serial audio interface (SAI) operation of the SAICH command is stopped (LEN="0") and the
Rch-side serial audio interface (SAI) operation is stopped (REN="0"). If either LEN or REN is set to "1", the entered
SAIRCON command is ignored.
WSLI specifies the LRCLK polarities for reception.
WSLI
Description
0
L channel is received when LRCLK is "L" level,
R channel is received when LRCLK is "H" level (initial value)
1
L channel is received when LRCLK is "H" level,
R channel is received when LRCLK is "L" level
DLYI specifies whether the received data has a 1-clock delay or not.
DLYI
Description
0
Serial data delay (initial value)
1
No serial data delay
AFOI specifies whether the received data is left-aligned or right-aligned.
AFOI
Description
0
Left-justify (initial value)
1
Right-justify
ISSCKI specifies the BCLK pin as 32fs or 64fs.
ISSCKI
Description
0
32 fs (initial value)
1
64 fs
MSBI specifies MSB first or LSB first in the received data.
MSBI
Description
0
MSB first (initial value)
1
LSB first
BWI specifies the bit width for reception.
BWI
Description
0
16-bit straight PCM (initial value)
1
8-bit straight PCM
For the reception format, refer to the "SAI (Serial Audio Interface)" in the "Function description".
For the timing of inputting the SAIRCON command, refer to the "SAIRCON command timing" in the timing chart.
138/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com