Electronic Components Datasheet Search
  English  ▼

X  

AD7699 Datasheet(PDF) 31 Page - Analog Devices

Part # AD7699
Description  16-Bit, 8-Channel, 500 kSPS PulSAR ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7699 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD7699 Datasheet HTML 24Page - Analog Devices AD7699 Datasheet HTML 25Page - Analog Devices AD7699 Datasheet HTML 26Page - Analog Devices AD7699 Datasheet HTML 27Page - Analog Devices AD7699 Datasheet HTML 28Page - Analog Devices AD7699 Datasheet HTML 29Page - Analog Devices AD7699 Datasheet HTML 30Page - Analog Devices AD7699 Datasheet HTML 31Page - Analog Devices AD7699 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 31 / 32 page
background image
Data Sheet
AD7699
Rev. F | Page 31 of 32
OUTLINE DIMENSIONS
0.50
BSC
0.50
0.40
0.30
0.30
0.25
0.20
COMPLIANT
TO JEDEC STANDARDS MO-220-WGGD.
BOTTOM VIEW
TOP VIEW
EXPOSED
PAD
PIN 1
INDICATOR
4.10
4.00 SQ
3.90
SEATING
PLANE
0.80
0.75
0.70
0.05 MAX
0.02 NOM
0.20 REF
0.25 MIN
COPLANARITY
0.08
PIN 1
INDICATOR
2.65
2.50 SQ
2.35
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
1
20
6
10
11
15
16
5
Figure 44. 20-Lead Lead Frame Chip Scale Package (LFCSP_WQ)
4 mm × 4 mm Body, Very Very Thin Quad
(CP-20-10)
Dimensions shown in millimeters
A
B
C
D
E
2.430
2.390 SQ
2.350
1
2
3
4
5
6
7
8
9
BOTTOM VIEW
(BALL SIDE UP)
TOP VIEW
(BALL SIDE DOWN)
BALL A1
IDENTIFIER
0.560
0.500
0.440
0.330
0.300
0.270
SIDE VIEW
0.230
0.200
0.170
0.300
0.260
0.220
0.50 REF
0.50 REF
0.25 REF
0.433
REF
COPLANARITY
0.05
SEATING
PLANE
Figure 45. 20-Ball Wafer Level Chip Scale Package (WLCSP)
(CB-20-12)
Dimensions shown in millimeters
ORDERING GUIDE
Model1, 2
Integral
Nonlinearity
No Missing
Code
Temperature
Range
Package Description
Package
Option
Ordering
Quantity
AD7699BCPZ
±1.5 LSB max
16 bits
−40°C to +85°C
20-Lead LFCSP_WQ, Tray
CP-20-10
490
AD7699BCPZRL7
±1.5 LSB max
16 bits
−40°C to +85°C
20-Lead LFCSP_WQ, Reel
CP-20-10
1500
AD7699BCBZ-RL7
±2.5 LSB max
16 bits
−40°C to +85°C
20-Ball WLCSP
CB-20-12
Reel, 1,500
AD7699BCBZ-WP
±2.5 LSB max
16 bits
−40°C to +85°C
20-Ball WLCSP
CB-20-12
EVAL-AD7699EDZ
Evaluation Board
EVAL-CED1Z
Controller Board
1
Z = RoHS Compliant Part.
2
The EVAL-CED1Z controller board allows a PC to control and communicate with all Analog Devices evaluation boards with model numbers ending in ED.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com