Electronic Components Datasheet Search
  English  ▼

X  

AD7699 Datasheet(PDF) 24 Page - Analog Devices

Part # AD7699
Description  16-Bit, 8-Channel, 500 kSPS PulSAR ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7699 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD7699 Datasheet HTML 20Page - Analog Devices AD7699 Datasheet HTML 21Page - Analog Devices AD7699 Datasheet HTML 22Page - Analog Devices AD7699 Datasheet HTML 23Page - Analog Devices AD7699 Datasheet HTML 24Page - Analog Devices AD7699 Datasheet HTML 25Page - Analog Devices AD7699 Datasheet HTML 26Page - Analog Devices AD7699 Datasheet HTML 27Page - Analog Devices AD7699 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
AD7699
Data Sheet
Rev. F | Page 24 of 32
when writing the CFG register. Note that at power-up, the CFG
register is undefined and two dummy conversions are required
to update the register. To preload the CFG register with a
factory setting, hold DIN high for two conversions. Thus
CFG[13:0] = 0x3FFF. This sets the AD7699 for the following:
IN[7:0] unipolar referenced to GND, sequenced in order
Full bandwidth for a one-pole filter
Internal reference/temperature sensor disabled, buffer enabled
Enables the sequencer
No readback of the CFG register
Table 10 summarizes the configuration register bit details. See
the Theory of Operation section for more details.
13
12
11
10
9
8
7
6
5
4
3
2
1
0
CFG
INCC
INCC
INCC
INx
INx
INx
BW
REF
REF
REF
SEQ
SEQ
RB
Table 10. Configuration Register Description
Bit(s)
Name
Description
[13]
CFG
Configuration update.
0 = Keep current configuration settings.
1 = Overwrite contents of register.
[12:10]
INCC
Input channel configuration. Selection of pseudobipolar, pseudodifferential, pairs, single-ended, or temperature sensor. Refer to
the Input Configurations section.
Bit 12
Bit 11
Bit 10
Function
0
0
X1
Bipolar differential pairs; INx− referenced to VREF/2 ± 0.1 V.
0
1
0
Bipolar; INx referenced to COM = VREF/2 ± 0.1 V.
0
1
1
Temperature sensor.
1
0
X1
Unipolar differential pairs; INx− referenced to GND ± 0.1 V.
1
1
0
Unipolar, IN0 to IN7 referenced to COM = GND ± 0.1 V (GND sense).
1
1
1
Unipolar, IN0 to IN7 referenced to GND.
[9:7]
INx
Input channel selection in binary fashion.
Bit 9
Bit 8
Bit 7
Channel
0
0
0
IN0
0
0
1
IN1
…
…
…
…
1
1
1
IN7
[6]
BW
Select bandwidth for low-pass filter. Refer to the Selectable Low-Pass Filter section.
0 = ¼ of BW, uses an additional series resistor to further bandwidth limit the noise. Maximum throughput must also be reduced to ¼.
1 = Full BW.
[5:3]
REF2
Reference/buffer selection. Selection of internal, external, and external buffered references, and enabling of the on-chip
temperature sensor. Refer to the Voltage Reference Output/Input section.
Bit 5
Bit 4
Bit 3
Function
0
0
0
Do not use.
0
0
1
Internal reference and temperature sensor enabled. REF = 4.096 V buffered output.
0
1
0
Use external reference. Temperature sensor enabled. Internal buffer disabled.
0
1
1
Use external reference. Internal buffer and temperature sensor enabled.
1
0
0
Do not use.
1
0
1
Do not use.
1
1
0
Use external reference. Internal reference, internal buffer and temperature sensor disabled.
1
1
1
Use external reference. Internal buffer enabled. Internal reference and temperature
sensor disabled.
[2:1]
SEQ
Channel sequencer. Allows for scanning channels in an IN0 to IN[7:0] fashion. Refer to the Sequencer section.
Bit 2
Bit 1
Function
0
0
Disable sequencer.
0
1
Update configuration during sequence.
1
0
Scan IN0 to IN[7:0] (set in CFG[9:7]), then temperature.
1
1
Scan IN0 to IN[7:0] (set in CFG[9:7]).
0
RB
Read back the CFG register.
0 = Read back current configuration at end of data.
1 = Do not read back contents of configuration.
1 X means don’t care.
2 The temperature sensor is always enabled when internal bandgap reference is enabled. See the Voltage Reference Output/Input section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com