Electronic Components Datasheet Search
  English  ▼

X  

AD7699 Datasheet(PDF) 6 Page - Analog Devices

Part # AD7699
Description  16-Bit, 8-Channel, 500 kSPS PulSAR ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7699 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7699 Datasheet HTML 2Page - Analog Devices AD7699 Datasheet HTML 3Page - Analog Devices AD7699 Datasheet HTML 4Page - Analog Devices AD7699 Datasheet HTML 5Page - Analog Devices AD7699 Datasheet HTML 6Page - Analog Devices AD7699 Datasheet HTML 7Page - Analog Devices AD7699 Datasheet HTML 8Page - Analog Devices AD7699 Datasheet HTML 9Page - Analog Devices AD7699 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
AD7699
Data Sheet
Rev. F | Page 6 of 32
TIMING SPECIFICATIONS
VDD = 4.5 V to 5.5 V, VREF = 4.096 to VDD, VIO = 1.8 V to VDD, all specifications TMIN to TMAX, unless otherwise noted.
Table 3.
Parameter1
Symbol
Min
Typ
Max
Unit
Conversion Time: CNV Rising Edge to Data Available
tCONV
LFCSP
1.6
µs
WLCSP
1.675
µs
Acquisition Time
tACQ
LFCSP
400
ns
WLCSP
325
ns
Time Between Conversions2
tCYC
2
µs
CNV Pulse Width
tCNVH
10
ns
Data Write/Read During Conversion
tDATA
1.2
µs
SCK Period
tSCK
tDSDO + 2
ns
SCK Low Time
tSCKL
11
ns
SCK High Time
tSCKH
11
ns
SCK Falling Edge to Data Remains Valid
tHSDO
4
ns
SCK Falling Edge to Data Valid Delay
tDSDO
VIO Above 4.5 V
16
ns
VIO Above 3 V
17
ns
VIO Above 2.7 V
18
ns
VIO Above 2.3 V
21
ns
VIO Above 1.8 V
28
ns
CNV Low to SDO D15 MSB Valid
tEN
VIO Above 4.5 V
15
ns
VIO Above 3 V
17
ns
VIO Above 2.7 V
18
ns
VIO Above 2.3 V
22
ns
VIO Above 1.8 V
25
ns
CNV High or Last SCK Falling Edge to SDO High Impedance
tDIS
32
ns
CNV Low to SCK Rising Edge
tCLSCK
10
ns
Last SCK Falling Edge to CNV Rising Edge Delay
tQUIET
40
ns
DIN Valid Setup Time from SCK Rising Edge
tSDIN
5
ns
DIN Valid Hold Time from SCK Rising Edge
tHDIN
5
ns
1
See Figure 2 and Figure 3 for load conditions.
2
For the WLCSP, a full throughput of 500kSPS can only be achieved using read during conversion or read spanning conversion mode.
IOL
500µA
500µA
IOH
1.4V
TO SDO
CL
50pF
Figure 2. Load Circuit for Digital Interface Timing
30% VIO
70% VIO
2V OR VIO – 0.5V1
0.8V OR 0.5V2
0.8V OR 0.5V2
2V OR VIO – 0.5V1
tDELAY
tDELAY
1 2V IF VIO ABOVE 2.5V, VIO – 0.5V IF VIO BELOW 2.5V.
2 0.8V IF VIO ABOVE 2.5V, 0.5V IF VIO BELOW 2.5V.
Figure 3. Voltage Levels for Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com