Electronic Components Datasheet Search
  English  ▼

X  

AD7699 Datasheet(PDF) 9 Page - Analog Devices

Part # AD7699
Description  16-Bit, 8-Channel, 500 kSPS PulSAR ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7699 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7699 Datasheet HTML 5Page - Analog Devices AD7699 Datasheet HTML 6Page - Analog Devices AD7699 Datasheet HTML 7Page - Analog Devices AD7699 Datasheet HTML 8Page - Analog Devices AD7699 Datasheet HTML 9Page - Analog Devices AD7699 Datasheet HTML 10Page - Analog Devices AD7699 Datasheet HTML 11Page - Analog Devices AD7699 Datasheet HTML 12Page - Analog Devices AD7699 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
Data Sheet
AD7699
Rev. F | Page 9 of 32
AD7699
9
8
7
6
5
4
3
2
1
IN3
IN2
IN0
VIO
A
VDD
VDD
IN1
SDO
B
REF
REFIN
DIN
SCK
C
GND
GND
IN7
CNV
D
IN4
IN5
IN6
COM
E
Figure 5. 20-Lead WLCSP Pin Configuration
Table 7. 20-Lead WLCSP Pin Function Descriptions
Pin No.
Mnemonic
Type1
Description
B6, B8
VDD
P
Power Supply. Nominally 2.5 V to 5.5 V when using an external reference and decoupled with 10 μF and
100 nF capacitors. When using the internal reference for a 2.5 V output, the minimum must be 3.0 V. When
using the internal reference for 4.096 V output, the minimum must be 4.6 V.
C9
REF
AI/O
Reference Input/Output. See the Voltage Reference Output/Input section. When the internal reference is
enabled, this pin produces a selectable system reference of 2.5 V or 4.096 V. When the internal reference is
disabled and the buffer is enabled, REF produces a buffered version of the voltage present on the REFIN pin
(VDD − 0.5 V, maximum), which is useful when using low cost, low power references. For improved drift
performance, connect a precision reference to REF (0.5 V to VDD). For any reference method, this pin needs
decoupling with an external 10 μF capacitor connected as close to REF as possible. See the Reference
Decoupling section.
C7
REFIN
AI/O
Internal Reference Output/Reference Buffer Input. See the Voltage Reference Output/Input section. When
using the internal reference, the internal unbuffered reference voltage is present and requires decoupling with
a 0.1 μF capacitor. When using the internal reference buffer, apply a source between 0.5 V and (VDD − 0.5 V) that
is buffered to the REF pin, as described in the REF pin description.
D6, D8
GND
P
Power Supply Ground.
A7
IN3
AI
Analog Input Channel 3.
E5
IN5
AI
Analog Input Channel 5.
E3
IN6
AI
Analog Input Channel 6 .
D4
IN7
AI
Analog Input Channel 7.
E1
COM
AI
Common Channel Input. All input channels, IN[7:0], can be referenced to a common-mode point of 0 V or VREF/2 V.
D2
CNV
DI
Conversion Input. On the rising edge, CNV initiates the conversion. During conversion, if CNV is held low, the
busy indictor is enabled.
C5
DIN
DI
Data Input. Use this input for writing to the 14-bit configuration register. The configuration register can be
written to during and after conversion.
C3
SCK
DI
Serial Data Clock Input. This input is used to clock out the data on SDO and clock in data on DIN in an MSB first
fashion.
B2
SDO
DO
Serial Data Output. The conversion result is output on this pin, synchronized to SCK. In unipolar modes,
conversion results are straight binary; in bipolar modes, conversion results are twos complement.
A1
VIO
P
Input/Output Interface Digital Power. Nominally at the same supply as the host interface (1.8 V, 2.5 V, 3 V, or 5 V).
A3
IN0
AI
Analog Input Channel 0.
B4
IN1
AI
Analog Input Channel 1.
A5
IN2
AI
Analog Input Channel 2.
E7
IN4
AI
Analog Input Channel 4 .
1
AI means analog input, AI/O means analog input/output, DI means digital input, DO means digital output, P means power, and NC means no internal connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com