Electronic Components Datasheet Search
  English  ▼

X  

AD7699 Datasheet(PDF) 18 Page - Analog Devices

Part # AD7699
Description  16-Bit, 8-Channel, 500 kSPS PulSAR ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7699 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD7699 Datasheet HTML 14Page - Analog Devices AD7699 Datasheet HTML 15Page - Analog Devices AD7699 Datasheet HTML 16Page - Analog Devices AD7699 Datasheet HTML 17Page - Analog Devices AD7699 Datasheet HTML 18Page - Analog Devices AD7699 Datasheet HTML 19Page - Analog Devices AD7699 Datasheet HTML 20Page - Analog Devices AD7699 Datasheet HTML 21Page - Analog Devices AD7699 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
AD7699
Data Sheet
Rev. F | Page 18 of 32
Unipolar or Bipolar
Figure 29 shows an example of the recommended connection
diagram for the AD7699 when multiple supplies are available.
Bipolar Single Supply
Figure 30 shows an example of a system with a bipolar input
using single supplies with the internal reference (optional
different VIO supply). This circuit is also useful when the
amplifier/signal conditioning circuit is remotely located with
some common mode present. Note that for any input config-
uration, the inputs, INx, are unipolar and always referenced to
GND (no negative voltages even in bipolar range).
For this circuit, a rail-to-rail input/output amplifier can be used;
however, the offset voltage vs. input common-mode range should
be noted and taken into consideration (1 LSB = 62.5 μV with
VREF = 4.096 V). Note that the conversion results are in twos
complement format when using the bipolar input configuration.
Refer to the AN-581 Application Note, Biasing and Decoupling
Op Amps in Single Supply Applications, at www.analog.com for
additional details about using single-supply amplifiers.
ANALOG INPUTS
Input Structure
Figure 31 shows an equivalent circuit of the input structure of the
AD7699. The two diodes, D1 and D2, provide ESD protection
for the analog inputs, IN[7:0] and COM. Care must be taken to
ensure that the analog input signal does not exceed the supply
rails by more than 0.3 V because this causes the diodes to
become forward-biased and to start conducting current.
These diodes can handle a forward-biased current of 130 mA
maximum. For instance, these conditions may eventually occur
when the input buffer supplies are different from VDD. In such
a case, for example, an input buffer with a short circuit, the
current limitation can be used to protect the part.
CIN
RIN
D1
D2
CPIN
INx+
OR INx–
OR COM
GND
VDD
Figure 31. Equivalent Analog Input Circuit
This analog input structure allows the sampling of the true
differential signal between INx+ and COM or INx+ and INx−.
(COM or INx− = GND ± 0.1 V or VREF ± 0.1 V). By using these
differential inputs, signals common to both inputs are rejected,
as shown in Figure 32.
70
65
60
55
50
45
40
35
30
1
10k
10
100
1k
FREQUENCY (kHz)
Figure 32. Analog Input CMRR vs. Frequency
During the acquisition phase, the impedance of the analog inputs
can be modeled as a parallel combination of the capacitor, CPIN,
and the network formed by the series connection of RIN and CIN.
CPIN is primarily the pin capacitance. RIN is typically 400 Ω (8.8 kΩ
when the one-pole filter is active) and is a lumped component
made up of serial resistors and the on resistance of the switches.
CIN is typically 27 pF and is mainly the ADC sampling capacitor.
Selectable Low-Pass Filter
During the conversion phase, where the switches are opened,
the input impedance is limited to CPIN. While the AD7699 is
acquiring, RIN and CIN make a one-pole, low-pass filter that
reduces undesirable aliasing effects and limits the noise from
the driving circuitry. The low-pass filter can be programmed
for the full bandwidth or ¼ of the bandwidth with CFG[6], as
shown in Table 10. Note that the converter throughput must also
be reduced by ¼ when using the filter. If the maximum
throughput is used with the BW set to ¼, the acquisition time of
the converter, tACQ, is violated, resulting in poor THD.
Input Configurations
Figure 33 shows the different methods for configuring the analog
inputs with the configuration register (CFG[12:10]). Refer to
the Configuration Register, CFG section for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com