Electronic Components Datasheet Search
  English  ▼

X  

AD7699 Datasheet(PDF) 8 Page - Analog Devices

Part # AD7699
Description  16-Bit, 8-Channel, 500 kSPS PulSAR ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7699 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7699 Datasheet HTML 4Page - Analog Devices AD7699 Datasheet HTML 5Page - Analog Devices AD7699 Datasheet HTML 6Page - Analog Devices AD7699 Datasheet HTML 7Page - Analog Devices AD7699 Datasheet HTML 8Page - Analog Devices AD7699 Datasheet HTML 9Page - Analog Devices AD7699 Datasheet HTML 10Page - Analog Devices AD7699 Datasheet HTML 11Page - Analog Devices AD7699 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
AD7699
Data Sheet
Rev. F | Page 8 of 32
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
VDD
REF
REFIN
GND
GND
SCK
SDO
VIO
DIN
CNV
NOTES
1. THE EXPOSED PAD IS NOT CONNECTED
INTERNALLY. FOR INCREASED
RELIABILITY OF THE SOLDER JOINTS, IT
IS RECOMMENDED THAT THE PAD BE
SOLDERED TO THE SYSTEM
GROUND PLANE.
14
13
12
1
3
4
15
11
2
5
AD7699
TOP VIEW
(Not to Scale)
Figure 4. 20-Lead LFCSP Pin Configuration
Table 6. 20-Lead LFCSP Pin Function Descriptions
Pin No.
Mnemonic
Type1
Description
1, 20
VDD
P
Power Supply. Nominally 4.5 to 5.5 V and should be decoupled with 10 μF and 100 nF capacitors.
2
REF
AI/O
Reference Input/Output. See the Voltage Reference Output/Input section.
When the internal reference is enabled, this pin produces 4.096 V. When the internal reference is disabled
and the buffer is enabled, REF produces a buffered version of the voltage present on the REFIN pin
(VDD – 0.5 V maximum) useful when using low cost, low power references.
For improved drift performance, connect a precision reference to REF (0.5 V to VDD).
For any reference method, this pin needs decoupling with an external 10 μF capacitor connected as
close to REF as possible. See the Reference Decoupling section.
3
REFIN
AI/O
Internal Reference Output/Reference Buffer Input. See the Voltage Reference Output/Input section.
When using the internal reference, the internal unbuffered reference voltage is present and needs
decoupling with a 0.1 μF capacitor.
When using the internal reference buffer, apply a source between 0.5 V and 4.096 V that is buffered to
the REF pin as previously described.
4, 5
GND
P
Power Supply Ground.
6 to 9
IN4 to IN7
AI
Analog Input Channel 4, Analog Input Channel 5, Analog Input Channel 6, and Analog Input Channel 7.
10
COM
AI
Common Channel Input. All input channels, IN[7:0], can be referenced to a common-mode point of 0 V
or VREF/2 V.
11
CNV
DI
Conversion Input. On the rising edge, CNV initiates the conversion. During conversion, if CNV is held
high, the busy indictor is enabled.
12
DIN
DI
Data Input. This input is used for writing to the 14-bit configuration register. The configuration register
can be written to during and after conversion.
13
SCK
DI
Serial Data Clock Input. This input is used to clock out the data on SDO and clock in data on DIN in an
MSB first fashion.
14
SDO
DO
Serial Data Output. The conversion result is output on this pin and synchronized to SCK. In unipolar
modes, conversion results are straight binary; in bipolar modes, conversion results are twos
complement.
15
VIO
P
Input/Output Interface Digital Power. Nominally at the same supply as the host interface (1.8 V, 2.5 V,
3 V, or 5 V).
16 to 19
IN0 to IN3
AI
Analog Input Channel 0, Analog Input Channel 1, Analog Input Channel 2, and Analog Input Channel 3.
21 (EPAD)
Exposed
Paddle
(EPAD)
The exposed paddle is not connected internally. For increased reliability of the solder joints, it is
recommended that the pad be soldered to the GND plane.
1
AI = analog input, AI/O = analog input/output, DI = digital input, DO = digital output, and P = power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com