Electronic Components Datasheet Search
  English  ▼

X  

LT3470 Datasheet(PDF) 7 Page - Analog Devices

Part # LT3470
Description  Micropower Buck Regulator with Integrated Boost and Catch Diodes
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3470 Datasheet(HTML) 7 Page - Analog Devices

Back Button LT3470 Datasheet HTML 3Page - Analog Devices LT3470 Datasheet HTML 4Page - Analog Devices LT3470 Datasheet HTML 5Page - Analog Devices LT3470 Datasheet HTML 6Page - Analog Devices LT3470 Datasheet HTML 7Page - Analog Devices LT3470 Datasheet HTML 8Page - Analog Devices LT3470 Datasheet HTML 9Page - Analog Devices LT3470 Datasheet HTML 10Page - Analog Devices LT3470 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LT3470
7
Rev. E
For more information www.analog.com
BLOCK DIAGRAM
–
+
R
Q
′
S
Q
500ns
ONE SHOT
VREF
1.25V
Burst Mode
DETECT
SW
GND
3470 BD
FB
R2
R1
SHDN
ENABLE
VIN
VIN
NC
BIAS
BOOST
L1
C2
C3
VOUT
gm
C1
SHDN (Pin 1/Pin 8): The SHDN pin is used to put the
LT3470 in shutdown mode. Tie to ground to shut down
the LT3470. Apply 2V or more for normal operation. If the
shutdown feature is not used, tie this pin to the VIN pin.
NC (Pin 2/Pin 7): This pin can be left floating or connected
to VIN.
VIN (Pin 3/Pin 6): The VIN pin supplies current to the
LT3470’s internal regulator and to the internal power
switch. This pin must be locally bypassed.
GND (Pin 4/Pin 5): Tie the GND pin to a local ground plane
below the LT3470 and the circuit components. Return the
feedback divider to this pin.
SW (Pin 5/Pin 4): The SW pin is the output of the internal
power switch. Connect this pin to the inductor, catch diode
and boost capacitor.
BOOST (Pin 6/Pin 3): The BOOST pin is used to provide
a drive voltage, which is higher than the input voltage, to
the internal bipolar NPN power switch.
BIAS (Pin 7/Pin 2): The BIAS pin connects to the internal
boost Schottky diode and to the internal regulator. Tie to
VOUT when VOUT > 2V or to VIN otherwise. When VBIAS >
3VtheBIASpinwillsupplycurrenttotheinternalregulator.
FB (Pin 8/Pin 1): The LT3470 regulates its feedback pin
to 1.25V. Connect the feedback resistor divider tap to this
pin. Set the output voltage according to VOUT = 1.25V
(1 + R1/R2) or R1 = R2 (VOUT/1.25 – 1).
Exposed Pad (DD, Pin 9): Ground. Must be soldered to
PCB.
PIN FUNCTIONS (ThinSOT/DD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com