Electronic Components Datasheet Search
  English  ▼

X  

LT3470 Datasheet(PDF) 2 Page - Analog Devices

Part # LT3470
Description  Micropower Buck Regulator with Integrated Boost and Catch Diodes
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3470 Datasheet(HTML) 2 Page - Analog Devices

  LT3470 Datasheet HTML 1Page - Analog Devices LT3470 Datasheet HTML 2Page - Analog Devices LT3470 Datasheet HTML 3Page - Analog Devices LT3470 Datasheet HTML 4Page - Analog Devices LT3470 Datasheet HTML 5Page - Analog Devices LT3470 Datasheet HTML 6Page - Analog Devices LT3470 Datasheet HTML 7Page - Analog Devices LT3470 Datasheet HTML 8Page - Analog Devices LT3470 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LT3470
2
Rev. E
For more information www.analog.com
ABSOLUTE MAXIMUM RATINGS
VIN, SHDN Voltage ................................................... 40V
BOOST Pin Voltage .................................................. 47V
BOOST Pin Above SW Pin........................................ 25V
FB Voltage.................................................................. 5V
BIAS Voltage.............................................................25V
SW Voltage ................................................................VIN
Maximum Junction Temperature
LT3470E, LT3470I............................................. 125°C
LT3470H ........................................................... 150°C
(Note 1)
ORDER INFORMATION
Operating Temperature Range (Note 2)
LT3470E...............................................–40°C to 85°C
LT3470I ............................................. –40°C to 125°C
LT3470H ............................................ –40°C to 150°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec) ..................300°C
TOP VIEW
9
DDB8 PACKAGE
8-LEAD (3mm × 2mm) PLASTIC DFN
5
6
7
8
4
3
2
1
FB
BIAS
BOOST
SW
SHDN
NC
VIN
GND
θJA = 180°C/W
EXPOSED PAD (PIN 9) IS GROUND (MUST BE SOLDERED TO PCB)
SHDN 1
NC 2
VIN 3
GND 4
8 FB
7 BIAS
6 BOOST
5 SW
TOP VIEW
TS8 PACKAGE
8-LEAD PLASTIC TSOT-23
θJA = 140°C/W
PIN CONFIGURATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3470EDDB#TRMPBF
LT3470EDDB#TRPBF
LBPN
8-Lead (3mm × 2mm) Plastic DFN
–40°C to 85°C
LT3470IDDB#TRMPBF
LT3470IDDB#TRPBF
LBPP
8-Lead (3mm × 2mm) Plastic DFN
–40°C to 125°C
LT3470HDDB#TRMPBF
LT3470HDDB#TRPBF
LCNR
8-Lead (3mm × 2mm) Plastic DFN
–40°C to 150°C
LT3470ETS8#PBF
LT3470ETS8#TRPBF
LTBDM
8-Lead Plastic TSOT-23
–40°C to 85°C
LT3470ITS8#PBF
LT3470ITS8#TRPBF
LTBPW
8-Lead Plastic TSOT-23
–40°C to 125°C
LT3470HTS8#PBF
LT3470HTS8#TRPBF
LTCNQ
8-Lead Plastic TSOT-23
–40°C to 150°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3470EDDB
LT3470EDDB#TR
LBPN
8-Lead (3mm × 2mm) Plastic DFN
–40°C to 85°C
LT3470IDDB
LT3470IDDB#TR
LBPP
8-Lead (3mm × 2mm) Plastic DFN
–40°C to 125°C
LT3470HDDB
LT3470HDDB#TR
LCNR
8-Lead (3mm × 2mm) Plastic DFN
–40°C to 150°C
LT3470ETS8
LT3470ETS8#TR
LTBDM
8-Lead Plastic TSOT-23
–40°C to 85°C
LT3470ITS8
LT3470ITS8#TR
LTBPW
8-Lead Plastic TSOT-23
–40°C to 125°C
LT3470HTS8
LT3470HTS8#TR
LTCNQ
8-Lead Plastic TSOT-23
–40°C to 150°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com