Electronic Components Datasheet Search
  English  ▼

X  

LT3470 Datasheet(PDF) 16 Page - Analog Devices

Part # LT3470
Description  Micropower Buck Regulator with Integrated Boost and Catch Diodes
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3470 Datasheet(HTML) 16 Page - Analog Devices

Back Button LT3470 Datasheet HTML 12Page - Analog Devices LT3470 Datasheet HTML 13Page - Analog Devices LT3470 Datasheet HTML 14Page - Analog Devices LT3470 Datasheet HTML 15Page - Analog Devices LT3470 Datasheet HTML 16Page - Analog Devices LT3470 Datasheet HTML 17Page - Analog Devices LT3470 Datasheet HTML 18Page - Analog Devices LT3470 Datasheet HTML 19Page - Analog Devices LT3470 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
LT3470
16
Rev. E
For more information www.analog.com
3.3V Step-Down Converter
5V Step-Down Converter
2.5V Step-Down Converter
VIN
BOOST
LT3470
SW
SHDN
C3
0.22µF, 6.3V
22pF
C2
22µF
3470 TA03
C1
1µF
VIN
5.5V TO 40V
VOUT
3.3V
200mA
R1
324k
R2
200k
C1: TDK C3216JB1H105M
C2: CE JMK316 BJ226ML-T
L1: TOKO A993AS-270M=P3
L1
33µH
BIAS
FB
GND
OFF ON
VIN
BOOST
LT3470
SW
SHDN
C3
0.22µF, 6.3V
22pF
C2
22µF
3470 TA04
C1
1µF
VIN
7V TO 40V
VOUT
5V
200mA
R1
604k
R2
200k
L1
33µH
BIAS
FB
GND
OFF ON
C1: TDK C3216JB1H105M
C2: CE JMK316 BJ226ML-T
L1: TOKO A914BYW-330M=P3
TYPICAL APPLICATIONS
1.8V Step-Down Converter
12V Step-Down Converter
VIN
BOOST
LT3470
SW
SHDN
C3
0.47µF, 6.3V
22pF
C2
22µF
3470 TA07
C1
1µF
VIN
4.7V TO 40V
VOUT
2.5V
200mA
R1
200k
R2
200k
C1: TDK C3216JB1H105M
C2: TDK C2012JB0J226M
L1: SUMIDA CDRH3D28
L1
33µH
BIAS
FB
GND
OFF ON
VIN
BOOST
LT3470
SW
SHDN
BIAS
C3
0.22µF, 25V
22pF
C2
22µF
3470 TA05
C1
1µF
VIN
4V TO 23V
VOUT
1.8V
200mA
R1
147k
R2
332k
L1
22µH
FB
GND
OFF ON
C1: TDK C3216JB1H105M
C2: TDK C2012JB0J226M
L1: MURATA LQH32CN150K53
VIN
BOOST
LT3470
SW
SHDN
C3
0.22µF, 16V
22pF
C2
10µF
3470 TA06
C1
1µF
VIN
15V TO 34V
VOUT
12V
200mA
R1
866k
R2
100k
C1: TDK C3216JB1H105M
C2: TDK C3216JB1C106M
L1: MURATA LQH32CN150K53
L1
33µH
BIAS
FB
GND
OFF ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com