Electronic Components Datasheet Search
  English  ▼

X  

LT3470 Datasheet(PDF) 13 Page - Analog Devices

Part # LT3470
Description  Micropower Buck Regulator with Integrated Boost and Catch Diodes
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3470 Datasheet(HTML) 13 Page - Analog Devices

Back Button LT3470 Datasheet HTML 9Page - Analog Devices LT3470 Datasheet HTML 10Page - Analog Devices LT3470 Datasheet HTML 11Page - Analog Devices LT3470 Datasheet HTML 12Page - Analog Devices LT3470 Datasheet HTML 13Page - Analog Devices LT3470 Datasheet HTML 14Page - Analog Devices LT3470 Datasheet HTML 15Page - Analog Devices LT3470 Datasheet HTML 16Page - Analog Devices LT3470 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LT3470
13
Rev. E
For more information www.analog.com
APPLICATIONS INFORMATION
PCB Layout
For proper operation and minimum EMI, care must be
taken during printed circuit board layout. Note that large,
switched currents flow in the power switch, the internal
catch diode and the input capacitor. The loop formed by
thesecomponentsshouldbeassmallaspossible.Further-
more, the system ground should be tied to the regulator
ground in only one place; this prevents the switched cur-
rent from injecting noise into the system ground. These
components, along with the inductor and output capacitor,
should be placed on the same side of the circuit board,
and their connections should be made on that layer. Place
a local, unbroken ground plane below these components,
and tie this ground plane to system ground at one location,
ideally at the ground terminal of the output capacitor C2.
Additionally, the SW and BOOST nodes should be kept as
small as possible. Unshielded inductors can induce noise
in the feedback path resulting in instability and increased
output ripple. To avoid this problem, use vias to route the
VOUT trace under the ground plane to the feedback divider
(as shown in Figure 5). Finally, keep the FB node as small
as possible so that the ground pin and ground traces
will shield it from the SW and BOOST nodes. Figure 5
shows component placement with trace, ground plane
and via locations. Include vias near the GND pin, or pad,
of the LT3470 to help remove heat from the LT3470 to
the ground plane.
Figure 5. A Good PCB Layout Ensures Proper, Low EMI Operation
SHDN
VIN
VOUT
(5a)
(5b)
VOUT
3470 F05
GND
SHDN
VIN
GND
C1
C2
VIAS TO FEEDBACK DIVIDER
VIAS TO LOCAL GROUND PLANE
OUTLINE OF LOCAL GROUND PLANE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com