Electronic Components Datasheet Search
  English  ▼

X  

LT3470 Datasheet(PDF) 20 Page - Analog Devices

Part # LT3470
Description  Micropower Buck Regulator with Integrated Boost and Catch Diodes
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3470 Datasheet(HTML) 20 Page - Analog Devices

Back Button LT3470 Datasheet HTML 12Page - Analog Devices LT3470 Datasheet HTML 13Page - Analog Devices LT3470 Datasheet HTML 14Page - Analog Devices LT3470 Datasheet HTML 15Page - Analog Devices LT3470 Datasheet HTML 16Page - Analog Devices LT3470 Datasheet HTML 17Page - Analog Devices LT3470 Datasheet HTML 18Page - Analog Devices LT3470 Datasheet HTML 19Page - Analog Devices LT3470 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
LT3470
20
Rev. E
For more information www.analog.com
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT1616
25V, 500mA (IOUT), 1.4MHz, High Efficiency
Step-Down DC/DC Converter
VIN = 3.6V to 25V, VOUT = 1.25V, IQ = 1.9mA, ISD < 1µA,
ThinSOT Package
LT1676
60V, 440mA (IOUT), 100kHz, High Efficiency
Step-Down DC/DC Converter
VIN = 7.4V to 60V, VOUT = 1.24V, IQ = 3.2mA, ISD = 2.5µA,
S8 Package
LT1765
25V, 2.75A (IOUT), 1.25MHz, High Efficiency
Step-Down DC/DC Converter
VIN = 3V to 25V, VOUT = 1.2V, IQ = 1mA, ISD = 15µA,
S8, TSSOP16E Packages
LT1766
60V, 1.2A (IOUT), 200kHz, High Efficiency
Step-Down DC/DC Converter
VIN = 5.5V to 60V, VOUT = 1.2V, IQ = 2.5mA, ISD = 25µA,
TSSOP16/E Package
LT1767
25V, 1.2A (IOUT), 1.25MHz, High Efficiency
Step-Down DC/DC Converter
VIN = 3V to 25V; VOUT = 1.2V, IQ = 1mA, ISD = 6µA,
MS8/E Packages
LT1776
40V, 550mA (IOUT), 200kHz, High Efficiency
Step-Down DC/DC Converter
VIN = 7.4V to 40V; VOUT = 1.24V, IQ = 3.2mA, ISD = 30µA,
N8, S8 Packages
LTC®1877
600mA (IOUT), 550kHz, Synchronous
Step-Down DC/DC Converter
VIN = 2.7V to 10V; VOUT = 0.8V, IQ = 10µA, ISD ≤ 1µA,
MS8 Package
LTC1879
1.2A (IOUT), 550kHz, Synchronous
Step-Down DC/DC Converter
VIN = 2.7V to 10V; VOUT = 0.8V, IQ = 15µA, ISD ≤ 1µA,
TSSOP16 Package
LT1933
36V, 600mA, 500kHz, High Efficiency
Step-Down DC/DC Converter
VIN = 3.6V to 36V; VOUT = 1.25V, IQ = 2.5µA, ISD ≤ 1µA,
??? Package
LT1934
34V, 250mA (IOUT), Micropower, Step-Down
DC/DC Converter
VIN = 3.2V to 34V; VOUT = 1.25V, IQ = 12µA, ISD ≤ 1µA,
??? Package
LT1956
60V, 1.2A (IOUT), 500kHz, High Efficiency
Step-Down DC/DC Converter
VIN = 5.5V to 60V, VOUT = 1.2V, IQ = 2.5mA, ISD = 25µA,
TSSOP16/E Package
LTC3405/LTC3405A
300mA (IOUT), 1.5MHz, Synchronous
Step-Down DC/DC Converter
VIN = 2.7V to 6V, VOUT = 0.8V, IQ = 20µA, ISD ≤ 1µA,
ThinSOT Package
LTC3406/LTC3406B
600mA (IOUT), 1.5MHz, Synchronous
Step-Down DC/DC Converter
VIN = 2.5V to 5.5V, VOUT = 0.6V, IQ = 20µA, ISD ≤ 1µA,
ThinSOT Package
LTC3411
1.25A (IOUT), 4MHz, Synchronous
Step-Down DC/DC Converter
VIN = 2.5V to 5.5V, VOUT = 0.8V, IQ = 60µA, ISD ≤ 1µA,
MS Package
LTC3412
2.5A (IOUT), 4MHz, Synchronous
Step-Down DC/DC Converter
VIN = 2.5V to 5.5V, VOUT = 0.8V, IQ = 60µA, ISD ≤ 1µA,
TSSOP16E Package
LTC3430
60V, 2.75A (IOUT), 200kHz, High Efficiency
Step-Down DC/DC Converter
VIN = 5.5V to 60V, VOUT = 1.2V, IQ = 2.5mA, ISD = 30µA,
TSSOP16E Package
04/20
ANALOG DEVICES, INC. 2004–2020
www.analog.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com