Electronic Components Datasheet Search
  English  ▼

X  

LT3470 Datasheet(PDF) 3 Page - Analog Devices

Part # LT3470
Description  Micropower Buck Regulator with Integrated Boost and Catch Diodes
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3470 Datasheet(HTML) 3 Page - Analog Devices

  LT3470 Datasheet HTML 1Page - Analog Devices LT3470 Datasheet HTML 2Page - Analog Devices LT3470 Datasheet HTML 3Page - Analog Devices LT3470 Datasheet HTML 4Page - Analog Devices LT3470 Datasheet HTML 5Page - Analog Devices LT3470 Datasheet HTML 6Page - Analog Devices LT3470 Datasheet HTML 7Page - Analog Devices LT3470 Datasheet HTML 8Page - Analog Devices LT3470 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LT3470
3
Rev. E
For more information www.analog.com
ORDER INFORMATION
AUTOMOTIVE PRODUCTS**
LT3470EDDB#WTRMPBF
LT3470EDDB#WTRPBF
LBPN
8-Lead (3mm × 2mm) Plastic DFN
–40°C to 85°C
LT3470IDDB#WTRMPBF
LT3470IDDB#WTRPBF
LBPP
8-Lead (3mm × 2mm) Plastic DFN
–40°C to 125°C
LT3470HDDB#WTRMPBF
LT3470HDDB#WTRPBF
LCNR
8-Lead (3mm × 2mm) Plastic DFN
–40°C to 150°C
Contact the factory for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Tape and reel specifications. Some packages are available in 500 unit reels through designated sales channels with #TRMPBF suffix.
**Versions of this part are available with controlled manufacturing to support the quality and reliability requirements of automotive applications. These
models are designated with a #W suffix. Only the automotive grade products shown are available for use in automotive applications. Contact your
local Analog Devices account representative for specific product ordering information and to obtain the specific Automotive Reliability reports for
these models.
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 10V, VSHDN = 10V, VBOOST = 15V, VBIAS = 3V unless otherwise specified.
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Input Voltage
l
4
V
Quiescent Current from VIN
VSHDN = 0.2V
VBIAS = 3V, Not Switching
VBIAS = 0V, Not Switching
l
0.1
10
35
0.5
18
50
µA
µA
µA
Quiescent Current from Bias
VSHDN = 0.2V
VBIAS = 3V, Not Switching
VBIAS = 0V, Not Switching
l
0.1
25
0.1
0.5
60
1.5
µA
µA
µA
FB Comparator Trip Voltage
VFB Falling
l
1.228
1.250
1.265
V
FB Pin Bias Current (Note 3)
VFB = 1V, E- and I-Grade
l
35
35
80
150
nA
nA
H-Grade
l
35
225
nA
FB Voltage Line Regulation
4V < VIN < 40V
0.0006
0.01
%/V
Minimum Switch Off-Time (Note 5)
500
ns
Switch Leakage Current
0.7
1.5
µA
Switch VCESAT
ISW = 100mA (TS8 Package)
ISW = 100mA (DD8 Package)
215
215
300
mV
mV
Switch Top Current Limit
VFB = 0V
250
325
435
mA
Switch Bottom Current Limit
VFB = 0V
225
mA
Catch Schottky Drop
ISH = 100mA (TS8 Package)
ISH = 100mA (DD8 Package)
630
630
775
mV
mV
Catch Schottky Reverse Leakage
VSW = 10V
0.2
2
µA
Boost Schottky Drop
ISH = 30mA
650
775
mV
Boost Schottky Reverse Leakage
VSW = 10V, VBIAS = 0V
0.2
2
µA
Minimum Boost Voltage (Note 4)
l
1.7
2.2
V
BOOST Pin Current
ISW = 100mA
7
12
mA
SHDN Pin Current
VSHDN = 2.5V
1
5
µA
SHDN Input Voltage High
2.5
V
SHDN Input Voltage Low
0.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com