Electronic Components Datasheet Search
  English  ▼

X  

LT8228 Datasheet(PDF) 39 Page - Analog Devices

Part # LT8228
Description  Bidirectional Synchronous 100V Buck/Boost Controller with Reverse Supply, Reverse Current and Fault Protection
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8228 Datasheet(HTML) 39 Page - Analog Devices

Back Button LT8228 Datasheet HTML 35Page - Analog Devices LT8228 Datasheet HTML 36Page - Analog Devices LT8228 Datasheet HTML 37Page - Analog Devices LT8228 Datasheet HTML 38Page - Analog Devices LT8228 Datasheet HTML 39Page - Analog Devices LT8228 Datasheet HTML 40Page - Analog Devices LT8228 Datasheet HTML 41Page - Analog Devices LT8228 Datasheet HTML 42Page - Analog Devices LT8228 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 69 page
background image
LT8228
39
Rev. A
For more information www.analog.com
APPLICATIONS INFORMATION
Figure 11. V1 Output Current Limit Programming at ISET1P
In buck mode, CSA1’s feedback current is generated out
of the ISET1P and IMON1 pins for input current regulation
and monitoring. In boost mode, CSA1’s feedback current
is generated out of the ISET1N, ISHARE and IMON1 pins
for output current regulation, sharing and monitoring.
Refer to the ISET1P, ISET1N, ISHARE and IMON1 gain
error curves in the Typical Performance Characteristics
section for more information.
High RSNS1 values improve current sense accuracy while
low RSNS1 values improve efficiency. Input referred off-
set voltage of CSA1 is guaranteed across temperature
to ±0.5mV at 50µA feedback current. Select the value of
RSNS1 so that the input referred offset voltage does not
affect current sense accuracy while minimizing power
loss. The current through RSNS1 is discontinuous in both
buck and boost mode. the voltage across RSNS1 is high-
est at the peak inductor current. However, power loss at
the sense resistor depends on the peak inductor current,
power stage duty ratio, and the capacitors at the RSNS1
terminals. ADI recommends a RSNS1 value that sets the
maximum voltage across RSNS1 to a value between 50mV
to 200mV. The power dissipation at the current sense
amplifier should not exceed its power rating for all oper-
ating conditions.
Next, select RIN1 to set the gain of the V1 current sense
amplifier to maintain the following condition for current
sense accuracy (see Equation 24).
RIN1 >
ISNS1(MAX) • RSNS1
72.5µA
(24)
Additionally, the current sense resistor RSNS1 and input
gain resistors RIN1 are used to sense BG or TG MOSFET
short fault. A short fault current is detected when ICSA1
reaches 120µA typically. Anytime such a fault is detected
through RSNS1, the LT8228 shuts down all four external
N-channel MOSFETs, pulls the SS pin low, asserts the
FAULT pin, IGND goes high impedance and reports the
status at the REPORT pin. The part restarts after waiting
1024 switching clock cycles. The CSA1 is internally com-
pensated. Any capacitive load at the SNS1P and SNS1N
affects the feedback compensation of the amplifier and
makes it unstable.
RSET1P SELECTION FOR V1 INPUT CURRENT LIMIT
(BUCK MODE)
In buck mode, V1 input current limit is programmed by
connecting a resistor RSET1P from ISET1P to ground.
The V1 current sense amplifier CSA1 outputs current at
the ISET1P pin that is proportional to the current ISNS1
flowing through the sense resistor RSNS1 as shown in
Figure 11. The current through the sense resistor is equal
to the V1 input current for V1 input currents much higher
than CSA1’s input bias and feedback currents as stated
in the RSNS1 and RIN1 Selection section.
During current limit, the LT8228 regulates the voltage at
the ISET1P pin to the typical internal reference voltage
of 1.21tV. For V1 output current limit IV1P(LIM), calculate
RSET1P according to Equation 25.
RSET1P =
RIN1 • 1.21V
RSNS1 •IV1P(LIM)
(25)
RIN1
RIN1
RSET1P
CC2
RC2
CSET1P
RSNS1
SNS1P
SNS1N
CSA1
LT8228
IV1
TO M2
ISET1P
ISET2P
1.21V
1.21V
ERROR AMPLIFIER 2
EA2
SS
FB2
VC2
MAX
MIN
ISNS1
IB1
ICSA1 + IB1
ICSA1
VIREF
V1D
8228 F11
ISET1N =
ISNS1•RSNS1
RIN1
IV1=ISNS1–IB1
IV1N(LIM) =
RIN1•1.21V
RSNS1•RSET1N
FOR IV1>>IB1
VIREF IS LOWER OF THE VSS AND 1.21V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com