Electronic Components Datasheet Search
  English  ▼

X  

LT8228 Datasheet(PDF) 21 Page - Analog Devices

Part # LT8228
Description  Bidirectional Synchronous 100V Buck/Boost Controller with Reverse Supply, Reverse Current and Fault Protection
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8228 Datasheet(HTML) 21 Page - Analog Devices

Back Button LT8228 Datasheet HTML 17Page - Analog Devices LT8228 Datasheet HTML 18Page - Analog Devices LT8228 Datasheet HTML 19Page - Analog Devices LT8228 Datasheet HTML 20Page - Analog Devices LT8228 Datasheet HTML 21Page - Analog Devices LT8228 Datasheet HTML 22Page - Analog Devices LT8228 Datasheet HTML 23Page - Analog Devices LT8228 Datasheet HTML 24Page - Analog Devices LT8228 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 69 page
background image
LT8228
21
Rev. A
For more information www.analog.com
PIN FUNCTIONS
needs its own pull-up resistor in series with a diode whose
anode is connected to its INTVCC pin. This diode prevents
unintentional boost mode selection when one or more
channels are disabled. Refer to the Paralleling Multiple
LT8228s in Applications Information section for more
information. Do not leave this pin open.
SYNC (Pin 23): Synchronization or Spread Spectrum
Input. Synchronize to an external clock with pulses that
have duty cycles between 5% and 95% from 80kHz to
600kHz. The high level of the clock voltage needs to be
above 1V and the low level needs to be below 0.5V. To
enable spread spectrum of the internal frequency genera-
tor, connect this pin to INTVCC. Connect this pin to ground
to disable spread spectrum. Do not leave this pin open.
FAULT (Pin 24): Fault Status Indicator. FAULT is an open-
drain logic pin which flags fault conditions (refer to the
FAULT Conditions in Applications Information section
for more information). When the FAULT pin asserts, the
LT8228 stops switching and the SS pin pulls low. Pull-up
the pin with an LED in series with a resistor to a voltage
source to provide a visual status indicator. For a sink cur-
rent of 2mA, the maximum voltage overtemperature at
the FAULT pin is 0.5V. Tie the pin to ground if not used.
REPORT (Pin 25): Diagnostic Status. This pin is an open-
drain active low output that reports the state of the inter-
nal diagnostic monitors of critical safety features through
a digital logic bit stream synchronized to the frequency
of the SYNC pin. See the Report Feature in Applications
Information section for more details on the report func-
tion. Pull-up the pin with a series resistor to a micro-
controller input logic voltage source. For a sink current
of 2mA, the maximum voltage overtemperature at the
REPORT pin is 0.5V. Tie the pin to ground if not used.
TMR (Pin 26): Timer Input for SOA Management of V1
Protection MOSFET (M1). Connect a capacitor between
this pin and ground to set the M1 turn-off and cool down
periods at excess power dissipation during output inrush
current in boost mode. In boost mode, when current regu-
lation at ISET1N is 1.4V and voltage across M1 (V1D,
DS1) exceeds 500mV, the TMR pin voltage starts to
increase. The current charging up this pin increases with
the voltage difference between V1D and DS1 pins (see
Applications Information). When the TMR reaches 1.4V,
the LT8228 shorts DG1 to DS1 to turn-off M1. Upon M1
gate off, a cool down interval commences while the TMR
pin cycles 32 times between 0.4V and 1.4V with 2μA
charge and discharge currents. When TMR crosses 0.4V
the 32nd time, the DG1 pin pulls high, turning on M1.
BG (Pin 27): Bottom Gate Drive. The BG pin drives the
gate of the low side N-channel synchronous switch
MOSFET M3. The BG voltage transitions between DRVCC
and ground.
DRVCC (Pin 28): 10V Gate Drive VCC Supply. DRVCC is
powered from BIAS. It provides power to the top gate (TG)
and bottom gate (BG) MOSFET drivers. Connect a mini-
mum bypass capacitor of 2.2µF from DRVCC to ground.
BIAS (Pin 29): DRVCC and Control Circuitry Supply. This
pin supplies the DRVCC regulator as well as the internal
control circuitry. BIAS can be connected to V1 or V2 or
an external supply. No negative voltage is allowed at the
BIAS pin. Refer to the BIAS, DRVCC, INTVCC and Power
Dissipation in Applications Information section for more
details. Connect a minimum bypass capacitor of 10µF
from BIAS to ground.
SW (Pin 30): Switch Node. This pin connects to the
source of the top side MOSFET M2 and to the drain of
the bottom side MOSFET M3. This pin also connects to
the inductor and the bootstrap capacitor CBST.
TG (Pin 31): Top Gate Drive. The TG pin drives the gate
of the high side N-channel MOSFET M2. TG draws power
from the BST pin and returns to the SW pin, providing true
floating gate drive to the high side MOSFETs.
BST (Pin 32): Top Gate Driver Boosted Supply. The BST
pin supplies power to the floating TG driver for the high
side MOSFET (M2). Connect a low ESR capacitor from the
BST pin to the SW pin. Connect a fast recovery diode from
DRVCC to BST to supply this pin. The pin voltage swings
from a diode below DRVCC up to DRVCC + V1D.
ENABLE (PIN 33): Enable Input. Pull this pin above 1.3V
typically to enable the LT8228. When this pin is pulled
below the typical threshold voltage of 1.2V, the controller
stops switching, the protection MOSFETs are turned off,
and the DRVCC and INTVCC regulators are disabled. When



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com