Electronic Components Datasheet Search
  English  ▼

X  

LT8228 Datasheet(PDF) 16 Page - Analog Devices

Part # LT8228
Description  Bidirectional Synchronous 100V Buck/Boost Controller with Reverse Supply, Reverse Current and Fault Protection
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8228 Datasheet(HTML) 16 Page - Analog Devices

Back Button LT8228 Datasheet HTML 12Page - Analog Devices LT8228 Datasheet HTML 13Page - Analog Devices LT8228 Datasheet HTML 14Page - Analog Devices LT8228 Datasheet HTML 15Page - Analog Devices LT8228 Datasheet HTML 16Page - Analog Devices LT8228 Datasheet HTML 17Page - Analog Devices LT8228 Datasheet HTML 18Page - Analog Devices LT8228 Datasheet HTML 19Page - Analog Devices LT8228 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 69 page
background image
LT8228
16
Rev. A
For more information www.analog.com
PIN FUNCTIONS
SNS1P, SNS1N (Pins 1, 2): Positive and Negative Input
Terminals of the V1 Bidirectional Current Sense Amplifier
(CSA1 in the Block Diagram section). The pins allow cur-
rent monitoring and regulation of the V1 input current in
buck mode and V1 output current in boost mode. Current
sense polarity is positive for current flowing out of V1 into
V2. Place input gain resistors RIN1 between the current
sense resistor RSNS1 and these pins. Typical bias current
into these pins is 90µA for common mode voltage above
2.5V. As common mode voltage decreases below 2.5V,
bias current decreases and reverses direction. Refer to
the curve of IB1 over VCM1 in the Typical Performance
Characteristics section.
CSA1 is connected in a negative feedback loop to make
SNS1N and SNS1P pin voltages equal. The voltage across
the current sense resistor and the input gain resistors
generates a difference in current flowing into the SNS1N
and SNS1P pins, ISNS1N and ISNS1P. The current flowing
through RSNS1, ISNS1, includes the V1 current, the input
bias current of CSA1’s negative feedback terminal and the
differential current given by Equation 1.
ISNS1N – ISNS1P=
ISNS1•RSNS1
RIN1
(1)
In buck mode, this current difference is generated out of
the ISET1P and IMON1 pins. In boost mode, it is gener-
ated out of the ISET1N, ISHARE and IMON1 pins. Limit
the difference between SNS1N and SNS1P pin currents
to ±100µA by choosing the values of RSNS1 and RIN1
appropriately. Refer to the RSNS1 and RIN1 Selection in
Applications Information section for more details.
UV1 (Pin 3): Undervoltage Detection Input for V1. It is
a high impedance pin with the undervoltage detection
threshold set at 1.2V typically. The undervoltage level is
set using a resistor divider connected between V1 node
and ground. If V1 needs reverse voltage protection, con-
nect the resistor divider in series with a diode whose
anode is connected to V1. The status of the UV1 pin is
reported at the REPORT pin in buck mode.
If the DRXN pin is externally set high for buck mode oper-
ation and the UV1 pin voltage falls below its threshold
voltage, the FAULT and SS pins pull low and the LT8228
stops switching. If the DRXN pin is high but not externally
controlled, and the UV1 pin voltage falls below the thresh-
old voltage, the regulation mode changes from buck to
boost and the DRXN pin is internally driven low. See the
Operation section for more information. Tie the pin to
INTVCC if not used.
FB1 (Pin 4): V1D Feedback Voltage and Overvoltage
Detection Input. This pin is one of the boost mode error
amplifier’s (EA1 in the Block Diagram section) inverting
terminals. It is a high impedance pin and senses the V1D
voltage through an external resistor divider network. The
pin is regulated to the typical internal reference voltage
of 1.21V in boost mode.
V1D overvoltage detection threshold is set at 1.3V typi-
cally. The status of V1D overvoltage is reported at the
REPORT pin in boost mode. If the DRXN pin is externally
set low for boost mode operation and the FB1 pin voltage
rises above its overvoltage threshold voltage, the FAULT
pin pulls low. If the DRXN pin is low but not externally
controlled, and the FB1 pin voltage rises above the over-
voltage threshold voltage for a duration of 1024 switching
clock cycle, the regulation mode changes from boost to
buck and the DRXN pin is pulled high by the external pull-
up resistor. Tie the pin to ground if not used.
IMON1 (Pin 5): V1 Current Monitor Output. The current
out of this pin is equal to the absolute voltage across
the current sense resistor RSNS1 divided by the value of
the input sense resistor RIN1. This current represents
V1 input current in buck mode and V1 output current in
boost mode. Connecting a resistor RMON1, from IMON1
to ground generates a voltage VMON1 for monitoring by an
external ADC. The maximum dynamic range for IMON1 is
2.5V. To set RMON1, first determine the maximum monitor
voltage VMON1MAX based on ADC input dynamic range.
Next, calculate the value of RMON1 with Equation 2.
RMON1 =
RIN1
ISNS1MAX • RSNS1
• VMON1MAX
(2)
where ISNS1MAX is the maximum of the programmed V1
output current limit IV1N(LIM) in boost mode or the pro-
grammed V1 input current limit IV1P(LIM) in buck mode.
A filtering capacitor can be added to read the average
current at the ADC input. Refer to the RMON1 Selection for
V1 Current Monitoring in Applications Information section



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com