Electronic Components Datasheet Search
  English  ▼

X  

LT8228 Datasheet(PDF) 40 Page - Analog Devices

Part # LT8228
Description  Bidirectional Synchronous 100V Buck/Boost Controller with Reverse Supply, Reverse Current and Fault Protection
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8228 Datasheet(HTML) 40 Page - Analog Devices

Back Button LT8228 Datasheet HTML 36Page - Analog Devices LT8228 Datasheet HTML 37Page - Analog Devices LT8228 Datasheet HTML 38Page - Analog Devices LT8228 Datasheet HTML 39Page - Analog Devices LT8228 Datasheet HTML 40Page - Analog Devices LT8228 Datasheet HTML 41Page - Analog Devices LT8228 Datasheet HTML 42Page - Analog Devices LT8228 Datasheet HTML 43Page - Analog Devices LT8228 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 69 page
background image
LT8228
40
Rev. A
For more information www.analog.com
APPLICATIONS INFORMATION
Figure 12. V1 Output Current Limit Programming at ISET1N
For example, if the values of RSNS1 and RIN1 set to 2mΩ
and 1.5k respectively, setting RSET1P to 37.4k programs
the V1 input current limit to 24.3A. During current limit,
current out of the ISET1P pin is 32.4µA.
The current at the ISET1P pin represents the inductor
when the top MOSFET is on during switching. The cur-
rent is discontinuous with high slew rate. To ensure the
current limit is set to the desired average current, a par-
allel capacitor CSET1P to RSET1P is required. The parallel
capacitor CSET1P reduces the ripple voltage at the ISET1P
pin and duty cycle jitter due to noise. The capacitor CSET1P
should not be arbitrarily large as it will affect the stabil-
ity of the current regulation loop. Stability of the current
regulation loop is discussed in detail in the Regulation
Loop and Stability section.
For applications such as battery charging and discharging,
the V1 input current limit is set according to the discharge
current requirement. If V2 is connected to a current or
resistive load, set the V1 input current limit 10% to 20%
above the maximum input current required to provide the
maximum load current at V2 to allow for large transient
events and IV1P(LIM) threshold variations. Dynamic cur-
rent control can also be achieved through modulating the
ISET1P pin resistance. Some dynamic methods include
digital potentiometers or modulating the ground node of
the ISET1P resistor using a DAC or injecting and subtract-
ing current from the ISET1P node.
RSET1N SELECTION FOR V1 OUTPUT CURRENT LIMIT
(BOOST MODE)
In buck mode, V1 output current limit is programmed
by connecting a resistor RSET1N from ISET1N to ground.
The V1 current sense amplifier CSA1 outputs current at
the ISET1N pin that is proportional to the current ISNS1
flowing through the sense resistor RSNS1 as shown in
Figure 12. The current through the sense resistor is equal
to the V1 output current for V1 output currents much
higher than CSA1’s input bias current as stated in the
RSNS1 and RIN1 Selection section.
During current limit, the LT8228 regulates the voltage at
the ISET1N pin to the typical internal reference voltage
of 1.21V. For V1 input current limit IV1N(LIM), calculate
RSET1N according to Equation 26.
RSET1N =
RIN1 • 1.21V
RSNS1 •IV1N(LIM)
(26)
RIN1
RSET1N
CC1
RC1
CSET1N
RSNS1
SNS1P
SNS1N
CSA1
LT8228
IV1
TO M2
ISET1N
ISET2N
1.21V
1.21V
ERROR AMPLIFIER 1
EA1
SS
FB1
VC1
MAX
MIN
ISNS1
IB1 + ICSA1
IB1
ICSA1
VIREF
V1
8228 F12
RIN1
ISET1N =
ISNS1•RSNS1
RIN1
IV1=ISNS1–IB1
IV1N(LIM) =
RIN1•1.21V
RSNS1•RSET1N
FOR IV1>>IB1
VIREF IS LOWER OF THE VSS AND 1.21V
For example, if the values of RSNS1 and RIN1 set to 2mΩ
and 1.5k respectively, setting RSET1N to 88.7k programs
the V1 output current limit to 10.2A. During current limit,
current out of the ISET1N pin is 13.6µA.
The current at the ISET1N pin represents the inductor
when the top MOSFET is on during switching. The cur-
rent is discontinuous with high slew rate. To ensure the
current limit is set to the desired average current, a par-
allel capacitor CSET1N to RSET1N is required. The parallel
capacitor CSET1N reduces the ripple voltage at the ISET1N
pin and duty cycle jitter due to noise. The capacitor CSET1N
should not be arbitrarily large as it will affect the stabil-
ity of the current regulation loop. Stability of the current
regulation loop is discussed in detail in the Regulation
Loop and Stability section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com