Electronic Components Datasheet Search
  English  ▼

X  

LT8228 Datasheet(PDF) 13 Page - Analog Devices

Part # LT8228
Description  Bidirectional Synchronous 100V Buck/Boost Controller with Reverse Supply, Reverse Current and Fault Protection
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8228 Datasheet(HTML) 13 Page - Analog Devices

Back Button LT8228 Datasheet HTML 9Page - Analog Devices LT8228 Datasheet HTML 10Page - Analog Devices LT8228 Datasheet HTML 11Page - Analog Devices LT8228 Datasheet HTML 12Page - Analog Devices LT8228 Datasheet HTML 13Page - Analog Devices LT8228 Datasheet HTML 14Page - Analog Devices LT8228 Datasheet HTML 15Page - Analog Devices LT8228 Datasheet HTML 16Page - Analog Devices LT8228 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 69 page
background image
LT8228
13
Rev. A
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Auto DRXN: Boost to Buck
Transition (Input Undervoltage)
Auto DRXN: Boost to Buck
Transition (Output Overvoltage)
TA = 25°C, unless otherwise noted.
BOOST EFFICIENCY AND OPERATION
Shutdown Current vs Temperature
(V1 = 48V, V2 = 14V, BIAS = 14V)
Shutdown Current vs Input
Voltage (Input = V1, V2, BIAS)
DRVCC Current Limit vs BIAS
(Temperature = –40°C, 25°C, 150°C)
ENABLE, SUPPLY CURRENT AND VCC
200µs/DIV
8228 G35
IL
25A/DIV
V2
5V/DIV
DRXN
3V/DIV
2ms/DIV
8228 G36
IL
25A/DIV
FAULT
2V/DIV
DRXN
3V/DIV
V1
10V/DIV
IQV1
IQV2
IQBIAS
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
0
8
16
24
32
40
8228 G37
IQV1
IQV2
IQBIAS
INPUT VOLTAGE (V)
0
20
40
60
80
100
0
2
4
6
8
10
8228 G38
–40
25
125
150
BIAS (V)
0 10 20 30 40 50 60 70 80 90 100
0
20
40
60
80
100
120
140
160
180
200
8228 G39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com