Electronic Components Datasheet Search
  English  ▼

X  

LT8228 Datasheet(PDF) 29 Page - Analog Devices

Part # LT8228
Description  Bidirectional Synchronous 100V Buck/Boost Controller with Reverse Supply, Reverse Current and Fault Protection
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8228 Datasheet(HTML) 29 Page - Analog Devices

Back Button LT8228 Datasheet HTML 25Page - Analog Devices LT8228 Datasheet HTML 26Page - Analog Devices LT8228 Datasheet HTML 27Page - Analog Devices LT8228 Datasheet HTML 28Page - Analog Devices LT8228 Datasheet HTML 29Page - Analog Devices LT8228 Datasheet HTML 30Page - Analog Devices LT8228 Datasheet HTML 31Page - Analog Devices LT8228 Datasheet HTML 32Page - Analog Devices LT8228 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 69 page
background image
LT8228
29
Rev. A
For more information www.analog.com
Figure 4. Automatic Mode of Operation
OPERATION
regulation mode based on the UV1, UV2, FB1 and FB2 pin
voltages. When external logic is used, include the pull-up
resistor for cases where the external logic is accidently
disconnected for increased system reliability. This allows
the LT8228’s auto-selection of the operation mode to take
over. In buck mode, the DRXN pin goes high impedance
which externally pulls the pin voltage high through the
pull-up resistor. In boost mode, a typically 100μA pull-
down is enabled which pulls the DRXN pin low.
When the LT8228 is enabled, and the DRXN pin is con-
figured for auto-selection for the mode of operation, the
DRXN pin is high impedance until the internal regula-
tors are functional. The LT8228 then selects the mode of
operation based on the logic shown in Figure 4. If the UV1
pin voltage is higher than 1.2V, the controller is in buck
mode operation. If the UV1 pin voltage is lower than 1.2V,
the controller goes into boost mode. During buck mode
operation, if the UV1 pin voltage drops lower than 1.2V or
FB2 pin voltage stays higher than 1.3V for 1024 switch-
ing cycles, the LT8228 changes mode of operation from
buck to boost. Additional time requirement for the FB2
overvoltage ensures no mode hopping during transients
at the load. In boost mode operation if the UV2 pin volt-
age drops lower than 1.2V or FB1 pin voltage stays higher
than 1.3V for 1024 switching cycles, the LT8228 changes
mode of operation from boost to buck. Anytime both UV1
and UV2 pin voltage drops below 1.2V or both FB1 and
FB2 pin voltage stays higher than 1.3V for 1024 switching
cycles, the controller goes to buck mode operation, stops
switching, pulls down on the FAULT pin and report the
fault at the REPORT pin. For input undervoltage fault, the
SS pin is also pulled low. Anytime DRVCC or INTVCC pin
voltages fall below their respective undervoltage thresh-
old, the part goes to buck mode, the FAULT and SS pin
pulls low and the LT8228 does not switch.
During startup or fast transient, output overshoot higher
than 10% is possible at light load. If the overshoot con-
dition last more than 1024-clock cycle, the DRXN will
change state. Ensure minimum loading to avoid unin-
tended DRXN change.
When the DRXN pin is driven high with external logic
for buck mode operation, and the UV1 pin voltage
drops lower than 1.2V or FB2 pin voltage stays higher
than 1.3V for 1024 switching cycles, the LT8228 stops
switching, pulls down on the FAULT and report the fault
at the REPORT pin. When the DRXN pin is driven low with
external logic for boost mode operation, and the UV2 pin
voltage drops lower than 1.2V or FB1 pin voltage stays
higher than 1.3V for 1024 switching cycles, the LT8228
stops switching, pulls down on the FAULT and report the
fault at the REPORT pin. For input undervoltage fault, the
SS pin is also pulled low.
When multiple LT8228s are in parallel, tie all the DRXN
pins together to operate all LT8228s in the same regu-
lation mode. In the parallel configuration, the common
DRXN node must be pulled up to an external voltage
source through a pull-up resistor. If an external voltage
source is not available, each LT8228 needs its own pull-up
resistor in series with a diode whose anode is connected
to its own INTVCC pin. This diode prevents unintentional
boost mode selection when one or more channels are
disabled. Refer to the Paralleling Multiple LT8228s in
Applications Information section for more information.
ENABLE AND SOFT-START (ENABLE AND SS)
The LT8228 enters shutdown through the ENABLE pin.
Pulling this pin below 1.2V typically disables the control-
ler and most of the internal circuitry. Pulling the ENABLE
pin below 0.5V transitions the LT8228 into complete
shutdown where the controller only consumes 2µA of
BUCK
MODE
BOOST
MODE
UV1 < 1.2V
OR
FB2 > 1.3 FOR 1024 CYCLES
START-UP
(BUCK MODE)
UV1 > 1.2V
UV1 < 1.2V
FAULT
(BUCK MODE)
UV2 < 1.2V
OR
FB1 > 1.3 FOR 1024 CYCLES
UV1 > 1.2V
OR FB2 < 1.3V
UV1 AND UV2 < 1.2V
OR
FB1 AND FB2 > 1.3 FOR 1024 CYCLES
UV2 > 1.2V
OR FB1 < 1.3V
8228 F04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com