Electronic Components Datasheet Search
  English  ▼

X  

32015. Datasheet(PDF) 14 Page - Wiha Tools

Part # 32015.
Description  Professional Insulated Tools
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

32015. Datasheet(HTML) 14 Page - Wiha Tools

Back Button 32015. Datasheet HTML 10Page - Wiha Tools 32015. Datasheet HTML 11Page - Wiha Tools 32015. Datasheet HTML 12Page - Wiha Tools 32015. Datasheet HTML 13Page - Wiha Tools 32015. Datasheet HTML 14Page - Wiha Tools 32015. Datasheet HTML 15Page - Wiha Tools 32015. Datasheet HTML 16Page - Wiha Tools 32015. Datasheet HTML 17Page - Wiha Tools 32015. Datasheet HTML 18Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
1000Volt
1000Volt
24 Piece Insulated 1/2” Drive Socket Set - Inch
CV steel, forged, oil-hardened sockets. Insulated to EN/IEC 60900.
Item No. Set includes the following:
3/8, 7/16, 1/2, 9/16, 5/8, 11/16, 3/4, 13/16, 7/8, 15/16, 1” Sockets
1/2” x 125mm Extension Bar
lbs.
1/2” x 250mm Extension Bar
11.41
1/2” Ratchet - 260mm
Insulated Electrician’s Knife - 50mm
Slotted: 3.5, 4.5, 6.5mm & Phillips: 1, 2, 3
6.3” Long Nose Pliers
8.0” Combo Pliers
6.3” Diagonal Cutters
24 Piece Insulated 1/2” Drive Socket Set - Metric
CV steel, forged, oil-hardened sockets. Insulated to EN/IEC 60900.
Item No. Set includes the following:
8, 9, 10, 12, 13, 14, 15, 17, 19, 22, 24mm Sockets
1/2” x 125mm Extension Bar
lbs.
1/2” x 250mm Extension Bar
11.39
1/2” Ratchet - 260mm
Insulated Electrician’s Knife - 50mm
Slotted: 3.5, 4.5, 6.5mm & Phillips: 1, 2, 3
6.3” Long Nose Pliers
8.0” Combo Pliers
6.3” Diagonal Cutters
Metric
Wiha Insulated 1/2” Sockets & Sets
Insulated 1/2” Drive Sockets - Insulation According to
ASTM F-1505-01, DIN 7448 & CSA Specification, Up To 1000 Volt.
Individually Tested. CV steel, forged, oil-hardened.
Item
No.
Inch
lbs.
pkg.
5/16
.16
1
11/32
.16
1
3/8
.16
1
7/16
.16
1
1/2
.16
1
9/16
.17
1
5/8
.19
1
11/16
.19
1
3/4
.21
1
13/16
.23
1
7/8
.27
1
15/16
.35
1
1
.33
1
1-1/8
.44
1
1-1/4
.58
1
*Sockets must be used with insulated ratchets & extensions
1000Volt
Insulated 1/2” Drive Sockets - Metric Insulation According
to VDE, DIN 7448 & CSA Specification, Up To 1000 Volt.
Item
No.
mm
lbs.
pkg.
8.0
.15
1
9.0
.15
1
10.0
.16
1
11.0
.16
1
12.0
.16
1
13.0
.17
1
14.0
.17
1
15.0
.17
1
16.0
.19
1
17.0
.19
1
18.0
.20
1
19.0
.21
1
20.0
.25
1
21.0
.25
1
22.0
.28
1
23.0
.29
1
24.0
.30
1
26.0
.37
1
27.0
.41
1
28.0
.44
1
30.0
.51
1
32.0
.55
1
1000Volt
Individually Tested
Each tool individually tested to 10,000 volts &
certified to 1000 Volt ac or 1500 Volt dc
Wiha Insulated 1/2” Sockets & Sets
14
*Sockets must be used with insulated ratchets & extensions
Insulated 1/2” Drive Breaker Bar, IEC/EN 60900 & CSA
Chrome-Vanadium steel.
Item
OAL
OAL
No.
Inch
mm
Inch
lbs.
pkg.
1/2”
250
9.8
1.04
1
1000Volt
31703
31704
31705
31707
31708
31709
31710
31712
31713
31714
31715
31716
31718
31720
31722
31608
31609
31610
31611
31612
31613
31614
31615
31616
31617
31618
31619
31620
31621
31622
31623
31624
31626
31627
31628
31630
31632
317
316
31790
31790
31691
31691
12326
12326
SHOP
SHOP
SHOP
SHOP
SHOP
Toll Free: (800) 494-6104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com