Electronic Components Datasheet Search
  English  ▼

X  

32015. Datasheet(PDF) 23 Page - Wiha Tools

Part # 32015.
Description  Professional Insulated Tools
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

32015. Datasheet(HTML) 23 Page - Wiha Tools

Back Button 32015. Datasheet HTML 19Page - Wiha Tools 32015. Datasheet HTML 20Page - Wiha Tools 32015. Datasheet HTML 21Page - Wiha Tools 32015. Datasheet HTML 22Page - Wiha Tools 32015. Datasheet HTML 23Page - Wiha Tools 32015. Datasheet HTML 24Page - Wiha Tools 32015. Datasheet HTML 25Page - Wiha Tools 32015. Datasheet HTML 26Page - Wiha Tools 32015. Datasheet HTML 27Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
23
Blade
CVM tool steel, hardened
to average 58/60RC
Responds to OSHA’s use
specification 29 CFR1910
Insulation
Molded directly
onto the blade for
permanent bonding
SoftFinish® handle
solid molded core with soft outer
cushion grip. 40% more torque
than conventional handles
Phillips Screwdriver, With Wiha-SoftFinish® Handle
Insulation According to ASTM F-1505-01, New VDE Specification
0682/part 201 and EN/IEC 60900, NFPA70E & CSA,
up to
1000 Volt. Individually Tested.
Item
No.
Size mm
Inch
mm
Inch
lbs.
pkg.
0
60
2.4
164
6.5
.06
10
1
80
3.0
191
7.5
.12
10
2
100
4.0
218
8.6
.20
10
3
150
6.0
268
10.6
.34
10
4
200
8.0
318
12.5
.39
10
Insulation Test Standards:
Insulation according to EN/IEC 60900,
ASTM F-1505-01, New VDE 0682/part 201,
DIN 7437, NFPA70E & CSA
Each tool individually tested to
10,000 volts and rated to
1000 Volt ac or 1500 Volt dc
1000V
Slotted Screwdriver, With Wiha-SoftFinish® Handle
Insulation According to ASTM F-1505-01, New VDE Specification
0682/part 201 and EN/IEC 60900, NFPA70E & CSA,
up to
1000 Volt. Individually Tested.
Item
No.
mm Inch
Inch
mm
Inch mm
Inch
lbs. pkg.
2.0 .078
5/64
60
3.0
164
6.5
.05
10
2.5 .098
3/32
75
3.0
179
7.1
.06
10
3.0 .118
1/8
100
4.0
204
8.0
.07
10
3.5 .139
9/64
100
4.0
204
8.0
.07
10
4.0 .157
5/32
100
4.0
211
8.3
.12
10
4.5 .177
3/16
100
4.0
211
8.3
.12
10
4.5 .177
3/16
125
5.0
236
9.3
.12
10
4.5 .177
3/16
150
6.0
261
10.2
.14
10
4.5 .177
3/16
175
7.0
286
11.2
.13
10
4.5 .177
3/16
200
8.0
311
12.3
.15
10
5.5 .216
7/32
125
5.0
243
9.5
.15
10
5.5 .216
7/32
175
7.0
293
11.5
.21
10
6.0 .236
15/64 150
6.0
268
10.6
.21
10
6.5 .255
1/4
150
6.0
268
10.6
.21
10
8.0 .315
5/16
175
7.0
299
11.8
.34
10
10.0 .393
3/8
200
8.0
318
12.5
.39
10
4 Piece Slotted & Phillips Set
Item
No.
mm mm mm
Size mm
.76 lbs.
Slotted 3.5 100 0.6
Phillips
1
80
Slotted 4.5 125 1.0
Phillips
2
100
5 Piece Slotted & Phillips Set
Item No.
lbs.
Slotted: 3.0, 4.5, 6.5
Phillips: 1, 2
1.31
#32892
page 32
6 Piece Slotted & Phillips Set
Item No.
lbs.
Slotted: 3.5, 4.5, 6.5 Phillips: 1, 2, 3
1.38
Wiha Insulated Screwdrivers with SoftFinish® Cushion Grip Handle
1000Volt
1000Volt
1000Volt
1000Volt
7 Piece Slotted & Phillips Set
Item No.
Slotted: 2.0, 2.5, 3.0, 3.5, 4.0
Phillips: 0, 1
lbs. .92
1000Volt
320
32005
32010
32012
32015
32017
32023
32024
32027
32025
32028
32031
32026
32034
32039
32042
32045
32090
32090
321
32100
32101
32102
32103
32104
32091
32091
32092
32092
32188
32188
www.wihatools.com
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com