Electronic Components Datasheet Search
  English  ▼

X  

32015. Datasheet(PDF) 35 Page - Wiha Tools

Part # 32015.
Description  Professional Insulated Tools
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

32015. Datasheet(HTML) 35 Page - Wiha Tools

Back Button 32015. Datasheet HTML 31Page - Wiha Tools 32015. Datasheet HTML 32Page - Wiha Tools 32015. Datasheet HTML 33Page - Wiha Tools 32015. Datasheet HTML 34Page - Wiha Tools 32015. Datasheet HTML 35Page - Wiha Tools 32015. Datasheet HTML 36Page - Wiha Tools 32015. Datasheet HTML 37Page - Wiha Tools 32015. Datasheet HTML 38Page - Wiha Tools 32015. Datasheet HTML 39Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 44 page
background image
35
Item
No.
mm
Inch
mm2
AWG Pkg. wt.
180
7.0
0.25-2.5 6-30
1
.57
Insulated Crimping Pliers. Insulation According to
VDE 0682/part 201, EN/IEC 60900, ASTM F-1505-01, NFPA70E
and CSA,
up to 1000 Volt. Individually Tested.
Semi-circular profiles for secure connection between end sleeve and
conductor. Long life is achieved through additional induction hardening
to 64 HRC. CV 60 special tool steel hardened & tempered.
Insulated Crimping Pliers
Insulated Diagonal Cutters
1000volt
Item
No.
mm Inch
Pkg.
wt.
140 5.5
#6
1
.47
160 6.3
#6
1
.49
180 7.0
#6
1
.62
Diagonal Cutters. Insulation According to VDE 0682/part 201,
EN/IEC 60900, ASTM F-1505-01, NFPA70E & CSA,
up to 1000 volt.
Individually Tested. DIN ISO 5749 Low wear lap joint, riveted and able
to withstand high levels of load. Lightweight action, clean
cutting. Long term cutting is achieved through additional inductive
hardening to approx. 60 HRC. Special tool steel hardened and tempered.
For soft & medium hard wire. 32832 & 32834 for soft, hard & piano wire.
1000volt
Item
No.
mm
Inch
Pkg. wt.
160
6.3
#6
1
.64
180
7.0
#5
1
.67
200
8.0
#4
1
.80
High Leverage Diagonal Cutters. Insulation According to
VDE 0682/part 201, EN/IEC 60900, ASTM F-1505-01, NFPA70E &
CSA,
up to 1000 volt. Individually Tested. DIN ISO 5749
Semi-circular. Low wear lap joint, riveted and able to withstand high
levels of load. Lightweight action, clean cutting. Long term cutting is
achieved through additional inductive hardening to approx. 64 HRC.
C 60 special tool steel hardened and tempered to high quality. For soft,
hard and piano wire, lay-on joint, optimized power transmission.
Insulated High Leverage Diagonal Cutters
Cutting Capacity
Copper AWG
Cutting Capacity
Copper AWG
Item
No.
mm
Inch
Pkg. wt.
160
6.3
#6
1
.55
Diagonal Cutters W/Stripping Holes. Insulation According
to VDE 0682/part 201, EN/IEC 60900, ASTM F-1505-01, NFPA70E &
CSA,
up to 1000 volt. Individually Tested. Drop-forged from special
tool steel, cutters additionally induction hardened (approx. 60 HRC),
chrome-nickel plated, mirror-polished. Ergo comfort grip with slip guard.
Holes in the cutting edge for stripping copper wire of Ø 1.5 and 2.5.
Insulated Electrician’s Diagonal Cutters
1000volt
Cutting Capacity
Copper AWG
1000volt
Item
No.
mm
Inch
Ø
mm2
Pkg.
lbs.
160
6.3
16
50
1
.42
200
8.0
20
60
1
.67
Serrated Edge Cable Cutters. Insulation According to VDE
0682/part 201, EN/IEC 60900, ASTM F-1505-01, NFPA70E and CSA,
up to 1000 Volt. Individually Tested. Light, clean cutting ground
precision cutting edges. Durable cutting is achieved through additional
inductive hardening to approx. 62 HRC. Special tool steel, hardened &
tempered. For cutting of copper & aluminum cables without crushing.
Insulated Serrated Edge Cable Cutters
Strips AWG
#10 & #14
New dynamic joint provides
40% easier cuts and
significantly longer tool life
32830
32832
32834
328
32835
32836
32838
328
32861
32861
32826
32828
328
32841
32841
www.wihatools.com
SHOP
SHOP
SHOP
SHOP
SHOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com