Electronic Components Datasheet Search
  English  ▼

X  

32015. Datasheet(PDF) 28 Page - Wiha Tools

Part # 32015.
Description  Professional Insulated Tools
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

32015. Datasheet(HTML) 28 Page - Wiha Tools

Back Button 32015. Datasheet HTML 24Page - Wiha Tools 32015. Datasheet HTML 25Page - Wiha Tools 32015. Datasheet HTML 26Page - Wiha Tools 32015. Datasheet HTML 27Page - Wiha Tools 32015. Datasheet HTML 28Page - Wiha Tools 32015. Datasheet HTML 29Page - Wiha Tools 32015. Datasheet HTML 30Page - Wiha Tools 32015. Datasheet HTML 31Page - Wiha Tools 32015. Datasheet HTML 32Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
28
3 Piece Insulated Pliers/Cutters & Multi-Bit Set In Belt
Pack Pouch Tools meet EN/IEC, ASTM, VDE, NFPA70E & CSA
standards. Pliers chrome finish for long lasting corrosion protection.
Soft grip ergo designed handle body, safety slip guard. Insulated
multi-bit screwdriver includes Slotted, Phillips & Square bits.
Item No.
Pliers/Cutters & Multi-Bit Set
6.3” / 160mm Diagonal Cutters
8.0” / 200mm Long Nose Pliers
Set includes Bit Holder and the following bits:
Slotted:
4.5, 6.5mm • Phillips: 1, 2 • Square: 1, 2
lbs. 1.67
1000Volt
5 Piece Insulated Pliers/Cutters & Screwdrivers In Belt
Pack Pouch Tools meet EN/IEC, ASTM, VDE, NFPA70E & CSA
standards. Pliers chrome finish for long lasting corrosion protection.
Soft grip ergo designed handle body, safety slip guard. Insulated
cushion grip drivers, multi-component. Blade CVM tool steel, hardened.
Item No.
Insulated Pliers/Cutters & Screwdrivers
6.3” / 160mm Diagonal Cutters
8.0” / 200mm Long Nose Pliers
Insulated Screwdrivers:
Slotted:
3.0, 4.5mm • Phillips: 2
lbs. 1.77
3 Piece Insulated Pliers/Cutters In Belt Pack Pouch
Tools meet EN/IEC, ASTM, VDE, NFPA70E & CSA standards.
Pliers chrome finish for long lasting corrosion protection.
Soft grip ergo designed handle body, safety slip guard.
Item No.
Insulated Pliers & Cutters
6.3” / 160mm Diagonal Cutters
8.0” / 200mm Long Nose Pliers
8.0” / 200mm Combination Pliers
lbs. 2.07
1000Volt
1000Volt
Wiha Insulated Belt Pack Pouch Sets
Insulation Test Standards:
Insulation according to EN/IEC 60900,
ASTM F-1505-01, New VDE 0682/part 201,
DIN 7437, NFPA70E & CSA
5 Pc. Insulated Pliers/Cutters & SlimLine Screwdrivers
In Belt Pack Pouch Tools meet EN/IEC, ASTM, VDE, NFPA70E & CSA
standards. Pliers chrome finish for long lasting corrosion protection. Soft
grip ergo designed handle body, safety slip guard. Insulated cushion grip
drivers, multi-component. Blade CVM tool steel, hardened.
Item No.
Insulated Pliers/Cutters & Screwdrivers
9.0” / 225mm Lineman’s Pliers
8.0” / 200mm Long Nose Pliers
Insulated SlimLine Screwdrivers:
Slotted:
4.5, 6.5mm • Phillips: 2
lbs. 2.26
1000Volt
32871
32871
32872
32872
32873
32873
32875
32875
SHOP
SHOP
SHOP
SHOP
Toll Free: (800) 494-6104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com