Electronic Components Datasheet Search
  English  ▼

X  

32015. Datasheet(PDF) 17 Page - Wiha Tools

Part # 32015.
Description  Professional Insulated Tools
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

32015. Datasheet(HTML) 17 Page - Wiha Tools

Back Button 32015. Datasheet HTML 13Page - Wiha Tools 32015. Datasheet HTML 14Page - Wiha Tools 32015. Datasheet HTML 15Page - Wiha Tools 32015. Datasheet HTML 16Page - Wiha Tools 32015. Datasheet HTML 17Page - Wiha Tools 32015. Datasheet HTML 18Page - Wiha Tools 32015. Datasheet HTML 19Page - Wiha Tools 32015. Datasheet HTML 20Page - Wiha Tools 32015. Datasheet HTML 21Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
17
Inch T-handle, With Wiha-Molded Handle. Insulation
According to ASTM F-1505-01, New VDE Specification 0682/part 201
and EN/IEC 60900, NFPA70E & CSA,
up to 1000Volt. Individually
Tested. Blade CVM steel, hardened. Insulation molded directly onto
blade. Wiha-SoftFinish® handle, multi-component.
Item
No.
Inch
Inch
Inch
mm
lbs.
pkg.
5/32
5.9
6.9
176
.09
10
3/16
5.9
6.9
176
.15
10
7/32
5.9
6.9
176
.19
10
1/4
5.9
7.1
176
.20
10
5/16
5.9
7.1
176
.26
10
3/8
5.9
7.1
176
.44
10
Wiha Insulated T-handles
1000Volt
Metric T-handle, With Wiha-Molded Handle. Insulation
According to ASTM F-1505-01, New VDE Specification 0682/part 201
and EN/IEC 60900, NFPA70E & CSA,
up to 1000Volt. Individually
Tested. Blade CVM steel, hardened. Insulation molded directly onto
blade. Wiha-SoftFinish® handle, multi-component.
Item
No.
mm
mm
Inch
mm
Inch
lbs.
pkg.
4.0
150
5.9
176
6.9
.09
10
5.0
150
5.9
182
7.1
.15
10
6.0
150
5.9
182
7.1
.18
10
8.0
150
5.9
182
7.1
.26
10
10.0
150
5.9
191
7.5
.46
10
6 Piece Inch T-handle Hex Set
Item
No.
Inch:
lbs.
5/32, 3/16, 7/32, 1/4, 5/16, 3/8”
1.66
1000Volt
1000Volt
Blade
CVM tool steel, hardened
to average 58/60RC
Responds to OSHA’s use
specification 29 CFR1910
Insulation
Molded directly onto blade
for permanent bonding
Insulation Test Standards:
Insulation according to EN/IEC 60900,
ASTM F-1505-01, VDE 0682/part 201,
DIN 7437, NFPA70E & CSA specification
Each tool individually
tested to 10,000 volts
and rated to 1000 Volt
ac or 1500 Volt dc
1000V
5 Piece Metric T-handle Hex Set
Item
No.
Metric:
lbs.
4.0, 5.0, 6.0, 8.0, 10.0mm
1.20
334
33481
33482
33483
33485
33486
33487
334
33441
33443
33445
33447
33449
33490
33490
33478
33478
www.wihatools.com
SHOP
SHOP
SHOP
SHOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com