Electronic Components Datasheet Search
  English  ▼

X  

32015. Datasheet(PDF) 37 Page - Wiha Tools

Part # 32015.
Description  Professional Insulated Tools
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

32015. Datasheet(HTML) 37 Page - Wiha Tools

Back Button 32015. Datasheet HTML 33Page - Wiha Tools 32015. Datasheet HTML 34Page - Wiha Tools 32015. Datasheet HTML 35Page - Wiha Tools 32015. Datasheet HTML 36Page - Wiha Tools 32015. Datasheet HTML 37Page - Wiha Tools 32015. Datasheet HTML 38Page - Wiha Tools 32015. Datasheet HTML 39Page - Wiha Tools 32015. Datasheet HTML 40Page - Wiha Tools 32015. Datasheet HTML 41Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 44 page
background image
37
Item
No.
mm
Inch
Pkg. lbs.
180
7.0
#6
1
.46
Inomic Combo Pliers. Insulation According to EN/IEC
60900, ASTM F-1505-01, NFPA70E & CSA,
up to 1000 volt.
Individually Tested. DIN ISO 5749 Precision machined forged head.
Induction hardened for longest tool life. Cross hatched flat jaw & deep
cut radius jaws for secure gripping of the work piece. Cutting edges are
matched for precise cutting action. Award winning ergonomic design
with head mounted at 23° angle to grip for reduced user fatigue. Palm
side of grip has molded soft panel for added comfort in prolonged use.
Cutting Capacity
Copper AWG
1000volt
Item
No.
mm
Inch
Pkg. lbs.
160
6.3
#6
1
.43
Cutting Capacity
Copper AWG
Item
No.
mm
Inch
Pkg. lbs.
160
6.3
#6
1
.41
Inomic Diagonal Cutters
Cutting Capacity
Copper AWG
Wiha Inomic 1000Volt Insulated Pliers
Insulation
Standards:
EN/IEC 60900,
ASTM F-1505-01,
NFPA70E & CSA
Each tool includes
a convenient
jaw lock & handle
return spring
Heads drop
forged CV
premium tool
steel
Tools Meet
10,000 Volt Test Standards
Rated to 1000Volt ac or 1500 Volt dc
Inomic Canvas Holster
Item
Width
Height
No.
Size
Size
lbs.
pkg.
4.0
x
4.5
.05
1
Holds
any
Inomic
Pliers
Award winning ergonomic
design with head mounted at
23° angle to grip for reduced
user fatigue
Tools Meet 10,000 Volt Test Standards Rated
to 1000 Volt ac or 1500 Volt dc
Inomic Long Nose Pliers
32850
32852
32854
Item No.
mm
Inch
Ø
AWG
Pkg.
lbs.
160
6.3”
0.81-2.59
20-10
5
.26
Insulated Stripping Pliers. Insulation According to
EN/IEC 60900, DIN ISO 8976, ASTM F-1505 & CSA Specification.
Individually Tested. Wide long head with ridged gripping surface, shears
blade and firm wire stripping stations. Wire stripping stations 0.81 / 1.0 /
1.3 / 1.6 / 2.0 / 2.59mm, AWG 20 / 18 / 16 / 14 / 12 / 10.
1000Volt
Switch Cabinet Key
Item No.
mm
Inch
Pkg.
lbs.
76
3.0”
5
.22
Switch Cabinet Keys
For applications with all common switch cabinets and locking systems.
Diecast Zinc
Item#
Set Includes:
lbs. 1.45
32850 - Combo Pliers
32854 - Diagonal Cutters
32852 - Long Nose Pliers
91230 - Inomic Holster (Includes 3)
3 Pc. Insulated Inomic Pliers/Cutters Set
Award winning ergonomic design with head mounted
at 23° angle to grip for reduced user fatigue.
Three
Holsters
Included
1000Volt
Insulated Stripping Pliers
Item
No.
mm
Inch
Pkg.
lbs.
160
6.3
1
.22
Proturn Insulated Electrician’s Shears
Insulation meets VDE, ASTM F1505, EN/IEC 60900, CSA, NFPA
70E, OSHA Specifications. Made from stainless 420 grade steel
Proturn Insulated Electrician’s Shears
10250
10250
32850
32850
32852
32854
32852
32854
32859
32859
91230
91230
21103
21103
32951
32951
www.wihatools.com
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com