Electronic Components Datasheet Search
  English  ▼

X  

36201 Datasheet(PDF) 24 Page - Wiha Tools

Part # 36201
Description  PROFESSIONAL TOOLS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

36201 Datasheet(HTML) 24 Page - Wiha Tools

Back Button 36201 Datasheet HTML 20Page - Wiha Tools 36201 Datasheet HTML 21Page - Wiha Tools 36201 Datasheet HTML 22Page - Wiha Tools 36201 Datasheet HTML 23Page - Wiha Tools 36201 Datasheet HTML 24Page - Wiha Tools 36201 Datasheet HTML 25Page - Wiha Tools 36201 Datasheet HTML 26Page - Wiha Tools 36201 Datasheet HTML 27Page - Wiha Tools 36201 Datasheet HTML 28Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
24
D
Set 7 Pcs.
Precision
ESD Safe Dissipative Handle
Item
:
No.
IP5, IP6, IP7, IP8
lbs.
IP9, IP10, IP15
.27
ESD Safe Dissipative
Precision Screwdrivers
Surface resistance of handles
is 106 - 109 Ohms
Set 7 Pcs.
Precision
ESD Safe Dissipative Handle
Blade high alloy CVM steel, hardened, hard
chromed. Handle manufactured from impact
resistant, dissipative material.
Item
:
No.
T4, T5, T6, T7,
lbs.
T8, T9, T10
.31
Set 8 Pcs.
Precision
ESD Safe Dissipative Handle Set In Pouch
Blade high alloy CVM steel, hardened, hard
chromed. Handle impact resistant, dissipative
material. In storage pouch.
Item
:
No.
T1, T2, T3, T4,
lbs.
T5, T6, T7
.47
Chip Lifter
Screwdriver, With Precision
ESD Safe Dissipative Handle Blade high
alloy CVM steel. Hard chrome finished.
Handle impact resistant, dissipative material.
ESD standard IEC 61340-5-1.
Item
No.
Size mm Inch mm Inch lbs. pkg.
T1 40 1.6 120 4.7 .03 10
T2 40 1.6 120 4.7 .03 10
T3 40 1.6 120 4.7 .03 10
T4 40 1.6 120 4.7 .03 10
T5 40 1.6 120 4.7 .03 10
T6 40 1.6 120 4.7 .03 10
T7 40 1.6 120 4.7 .03 10
T8 40 1.6 120 4.7 .03 10
T9 50 2.0 145 5.7 .04 10
T10 50 2.0 145 5.7 .04 10
T15 60 2.4 170 6.7 .07 10
T20 60 2.4 170 6.7 .07 10
*Metric dimensions actual - Inch dimensions approximate
ESD standard
IEC 61340-5-1
ESD standard IEC 61340-5-1
D
Screwdriver, With
Precision ESD Safe Dissipative Handle
Blade high alloy CVM steel, hardened, hard
chromed. ESD standard IEC 61340-5-1.
Item
No.
Size mm Inch mm Inch lbs. pkg.
IP4 40 1.6 120 4.7 .03 10
IP5 40 1.6 120 4.7 .03 10
IP6 40 1.6 120 4.7 .03 10
IP7 40 1.6 120 4.7 .03 10
IP8 40 1.6 120 4.7 .03 10
IP9 50 2.0 145 5.7 .04 10
IP10 50 2.0 145 5.7 .04 10
IP15 60 2.4 170 6.7 .07 10
*Metric dimensions actual - Inch dimensions approximate
ESD standard
IEC 61340-5-1
D
ESD Safe Dissipative Precision
Drive-Loc Handle Surface resistant
106-109 Ohms. 4 mm hex retainer for all
SYSTEM 4 interchangeable blades. Ball
retainer hold. 105mm/4.13” OAL
Item
No.
mm Inch
mm Inch lbs.
4.0 .1574 23
.91
.08
D
SYSTEM 4
Drive-Loc
Reversible Locking Blades On 4mm Hex
Item
No.
Size
Size
lbs.
T1 + T2
.02
T3 + T4
.02
T5 + T6
.02
T6 + T8
.02
T7 + T9
.02
T10 + T15
.02
T15 + T20
.02
ESD Safe SYS 4 Drive-Loc
Handle & Blades
ESD Safe Precision
Handles & Blades
ESD Safe Dissipative Precision
Adjustable Handle with rotating control cap.
• Use in ESD sensitive applications.
Surface resistant 106-109 Ohms.
• Collet lock allows for quick & easy adjustment.
• Holds blade securely in place. Accepts all
SYSTEM 4 blades. 110mm/4.3” OAL
Item
No.
mm Inch
mm Inch lbs.
4.0 .1574 14.0 .55
.04
ESD Safe Dissipative Precision
Handle with rotating control cap. Surface
resistant 106-109 Ohms. 4 mm hex retainer
for all SYSTEM 4 interchangeable blades.
Tapered handle, high quality plastic, impact
resistant. Ball retainer hold. 110mm/4.3” OAL
Item
No.
mm Inch
mm Inch lbs.
4.0 .1574 14.0 .55
.04
SYS 4
Reversible Blade
High alloy chrome-vanadium-molybdenum
steel, hardened, vapor chrome protected,
Wiha vapor Chrome-Top finish on tips.
120mm/4.7” OAL
Item
No.
Size
Size
lbs.
T6 + T8
.03
T7 + T9
.03
T10 + T15
.03
T15 + T20
.03
SYS 4
Interchangeable
Blade 120mm/4.7” OAL
Item
No.
Size lbs.
T3
.03
T4
.03
T5
.03
Toll Free: (800) 494-6104
278
27801
27802
27803
27804
27805
27811
27817
27823
27829
27835
27841
27847
278
27850
27851
27852
27853
27854
27855
27856
27857
27890
27890
27894
27894
27899
27899
26961
26961
269
26977
26978
26979
26980
26981
26982
26983
28000
28001
269
269
28000
28001
26951
26952
26953
26954
26955
26956
26957



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com