Electronic Components Datasheet Search
  English  ▼

X  

36201 Datasheet(PDF) 32 Page - Wiha Tools

Part # 36201
Description  PROFESSIONAL TOOLS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

36201 Datasheet(HTML) 32 Page - Wiha Tools

Back Button 36201 Datasheet HTML 28Page - Wiha Tools 36201 Datasheet HTML 29Page - Wiha Tools 36201 Datasheet HTML 30Page - Wiha Tools 36201 Datasheet HTML 31Page - Wiha Tools 36201 Datasheet HTML 32Page - Wiha Tools 36201 Datasheet HTML 33Page - Wiha Tools 36201 Datasheet HTML 34Page - Wiha Tools 36201 Datasheet HTML 35Page - Wiha Tools 36201 Datasheet HTML 36Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
32
Align Bits, 1/4”
Item
No.
Size mm pkg. lbs.
T6
25
10
.12
T7
25
10
.12
T8
25
10
.12
T10 25
10
.12
T15 25
10
.12
T20 25
10
.12
T25 25
10
.13
T27 25
10
.13
T30 25
10
.14
T40 25
10
.15
*Also Known As Torx Wedge Fit
Align Bits, 1/4” Hex Drive,
Length 2.0”/50mm
Item
No.
Size mm pkg. lbs.
T6
50
10
.18
T7
50
10
.18
T8
50
10
.18
T9
50
10
.18
T10 50
10
.18
T15 50
10
.20
T20 50
10
.22
T25 50
10
.22
T27 50
10
.22
T30 50
10
.22
*Also Known As Torx Wedge Fit
Highly resistant
to wear and
tear for a
long tool life
Suitable for all applications
for both manual and machine
Hardness HRC 59-61
Impact resistant modified
chrome-vanadium-
molybdenum, tool steel,
hardened
Torx® Align
Tapered For
Snug Fit In
Screw
Wiha
Align Insert Bits and Power Bits
Align Insert Bit Packs, 1
”
CVM S2 modified tool steel
Item
No.
Size
mm
lbs.
T6
25
.03
T7
25
.03
T8
25
.03
T9
25
.03
T10
25
.03
T15
25
.03
T20
25
.03
T25
25
.03
T27
25
.03
T30
25
.03
T40
25
.04
Made in Germany -
Production Quality
Align Power Bit Packs, 2
”
Item
No.
Size
mm
lbs.
T6
50
.05
T7
50
.05
T8
50
.05
T9
50
.05
T10
50
.05
T15
50
.05
T20
50
.06
T25
50
.06
T27
50
.06
T30
50
.06
2 bit
pack
2 bit
pack
Bits, 5/16”
Item
No.
Size
mm
pkg. lbs.
T25
35
10
.27
T27
35
10
.27
T30
35
10
.27
T40
35
10
.28
T45
35
10
.31
T50
35
10
.32
T55
35
10
.52
T60
35
10
.52
5/16”
Insert Bit Packs, 5/16”
Item
No.
Size
mm
lbs.
T25
35
.28
T27
35
.28
T30
35
.28
T40
35
.28
T45
35
.31
T50
35
.32
T55
35
.52
T60
35
.52
2 bit
pack
Wiha
5/16” Insert Bits
Stainless Steel
Bits, 1/4”
Item
No.
Size mm
pkg.
T8
25
10
T10 25
10
T40 25
10
Stainless Steel
High-quality, non-rusting stainless steel,
completely vacuum-hardened.
Stainless Steel
Power Bits
1/4” Hex Drive, Length 2.0”/50mm
Item
No.
Size mm pkg.
T15
50
10
T25
50
10
T30
50
10
T40
50
10
Stainless Steel
Bits
10 bit pack
Toll Free: (800) 494-6104
715
733
747
747
71536
71537
71538
71541
71542
71543
71544
71545
71546
71547
73310
73311
73312
73313
73314
73315
73316
73317
73318
73319
73320
74711
74714
74717
74721
74724
74728
74732
74736
74739
74742
74760
74761
74762
74763
74764
74765
74766
74767
74768
74769
725
725
72525
72527
72530
72540
72545
72550
72555
72570
72528
72529
72531
72541
72546
72551
72556
72569
715
71500
71502
71513
704
70411
70414
70416
70417



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com