Electronic Components Datasheet Search
  English  ▼

X  

36201 Datasheet(PDF) 29 Page - Wiha Tools

Part # 36201
Description  PROFESSIONAL TOOLS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

36201 Datasheet(HTML) 29 Page - Wiha Tools

Back Button 36201 Datasheet HTML 25Page - Wiha Tools 36201 Datasheet HTML 26Page - Wiha Tools 36201 Datasheet HTML 27Page - Wiha Tools 36201 Datasheet HTML 28Page - Wiha Tools 36201 Datasheet HTML 29Page - Wiha Tools 36201 Datasheet HTML 30Page - Wiha Tools 36201 Datasheet HTML 31Page - Wiha Tools 36201 Datasheet HTML 32Page - Wiha Tools 36201 Datasheet HTML 33Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
29
Wiha Terminator
Impact Bits - Insert & Power
Impact rated bits for long life in impact applications
Provide up to 30 times impact performance over
standard bits
Standard 1/4” drive - No special adaptor required
Wiha enhanced bi-material torsion zone
Precision machined exact fit tips
Wiha exclusive CVM tool steel
Guaranteed to out perform impact imposters
Up To 30X Performance Over
Standard Screwdriver Bits
Dual material
impact absorbing
torsion zone
1/4” Drive Insert &
Power Bits
10 pc.
bit pack!
10 pc.
bit pack!
Terminator Impact Bits,
1/4” Insert - 10 Bit Pack
Item
No.
Size
mm
pkg.
T10
29
10
T15
29
10
T20
29
10
T25
29
10
T27
29
10
T30
29
10
T40
29
10
Terminator Impact Bits,
1/4” Insert - 2 Bit Pack
Item
No.
Size
mm
pkg.
T10
29
2
T15
29
2
T20
29
2
T25
29
2
T27
29
2
T30
29
2
T40
29
2
10 Pc. Bit Buddy Set With
Terminator Impact Insert Bits - 29mm
Set includes the following bits:
Torx®: T10, T15, T20 (2), T25 (2),
T27, T30 (2), T40
8 Pc. Bit Buddy Set With
Terminator Impact Insert Bits - 29mm
Set includes the following bits:
Torx®: T10, T15, T20, T25,
T27, T30, T40
Includes magnetic bit holder
Terminator Impact Bits,
1/4” Power - 10 Bit Pack
Item
No.
Size
mm
pkg.
T10
49
10
T15
49
10
T20
49
10
T25
49
10
T27
49
10
T30
49
10
T40
49
10
Terminator Impact Bits,
1/4” Power - 2 Bit Pack
Item
No.
Size
mm
pkg.
T10
49
2
T15
49
2
T20
49
2
T25
49
2
T27
49
2
T30
49
2
T40
49
2
7 Pc. Bit Buddy Set With
Terminator Impact Power Bits - 49mm
Set includes the following bits:
Torx®: T10, T15, T20, T25,
T27, T30, T40
2 pack!
Identification on bits allows
quick bit selection
www.wihatools.com
765
768
76853
76854
76855
76856
76857
76858
76859
765
76553
76554
76555
76556
76557
76558
76559
76895
76896
76895
76896
76877
76877
76510
76511
76512
76513
76514
76516
76517
76810
76811
76812
76813
76814
76816
76817
768



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com