Electronic Components Datasheet Search
  English  ▼

X  

36201 Datasheet(PDF) 3 Page - Wiha Tools

Part # 36201
Description  PROFESSIONAL TOOLS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

36201 Datasheet(HTML) 3 Page - Wiha Tools

  36201 Datasheet HTML 1Page - Wiha Tools 36201 Datasheet HTML 2Page - Wiha Tools 36201 Datasheet HTML 3Page - Wiha Tools 36201 Datasheet HTML 4Page - Wiha Tools 36201 Datasheet HTML 5Page - Wiha Tools 36201 Datasheet HTML 6Page - Wiha Tools 36201 Datasheet HTML 7Page - Wiha Tools 36201 Datasheet HTML 8Page - Wiha Tools 36201 Datasheet HTML 9Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
3
DESCRIPTION
Page
L-Keys
12-13
Offset Screwdrivers
11
Wing Handle
14,16,19
Flag Handle
14,16
DESCRIPTION
Page
SoftFinish®
6,11
Drive-Loc VI Blades
10
L-Keys
12
PocketStar Fold Outs
11
SYSTEM 4 Micro Bits
25
Bit Sets
26-27
Insert Bits - 1/4” & 5/16”
33
Power Bits
33
Bit Sockets
35,37
Security Torx® Index
Cushion Grip & Insulated
DESCRIPTION
Page
SoftFinish® CushionGrip 5-6,15,17,19
ESD Safe SoftFinish®
6
Insulated
7,11
MicroFinish
7
Powerhandle- Torx®
8
Proturn - Torx®
8
3K Series - Torx®
8
Offset Screwdrivers
11
T-handle/ComfortGrip
13,17
Precision Tools
Screwdrivers Index
Torx®, Security Torx®, TorxPlus®, MagicSpring
Cushion Grip - Torx®
Non-Slip Grip - Torx®
Torx® & Security Torx®
Torx® & TorxPlus®
DESCRIPTION
Page
SoftFinish® Screw Holding
19
PicoFinish Soft Grip
19
L-keys Screw Holding
18
Wing Handle Screw Holding 19
TorqueControl Blades
20
Power Bits
34
Cushion Grip
MagicSpring Screw Holding
Screw Holding
Screw Holding
DESCRIPTION
Page
Drive-Loc VI Handle
10
Drive-Loc VI Handle
10
Drive-Loc VI Handle
10
Drive-Loc VI Blades
10
Torx® / Security Torx®
SoftFinish® Cushion Grip
ESD Safe Cushion Grip
MicroFinish Non-Slip Grip
Drive-Loc VI Interchangeable
Wing/Flag & L-keys Index
DESCRIPTION
Page
PocketStars
11,16
Fold Outs Index
Torx, Security Torx, TorxPlus
Torx®, TorxPlus® & MagicSpring
Torx® & TorxPlus®
Standard
23
PicoFinish
23
ESD Safe
24
www.wihatools.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com