Electronic Components Datasheet Search
  English  ▼

X  

36201 Datasheet(PDF) 36 Page - Wiha Tools

Part # 36201
Description  PROFESSIONAL TOOLS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

36201 Datasheet(HTML) 36 Page - Wiha Tools

Back Button 36201 Datasheet HTML 32Page - Wiha Tools 36201 Datasheet HTML 33Page - Wiha Tools 36201 Datasheet HTML 34Page - Wiha Tools 36201 Datasheet HTML 35Page - Wiha Tools 36201 Datasheet HTML 36Page - Wiha Tools 36201 Datasheet HTML 37Page - Wiha Tools 36201 Datasheet HTML 38Page - Wiha Tools 36201 Datasheet HTML 39Page - Wiha Tools 36201 Datasheet HTML 40Page - Wiha Tools  
Zoom Inzoom in Zoom Outzoom out
 36 / 40 page
background image
36
Wiha Socket Sets
On Molded Rails
Wiha Long Blade Sockets
Wiha External Sockets
22 pc.
Set 1/4” Drive Socket
Ratchet 5.5”, extension 2” & 4”, swivel & hand
driver in steel box. Hard chromed and polished.
Item No.
lbs.
Set includes the following:
2.14 E4, E5, E6, E7, E8, E10,
T6, T7, T8, T9, T10, T15,
T20, T25, T27, T30, T40
Sockets
1/4” Drive 6” Long Bit Socket
Item
No.
Size
Inch
lbs.
T8
6
.12
T9
6
.12
T10
6
.12
T15
6
.12
T20
6
.12
T25
6
.12
T27
6
.12
T30
6
.12
T40
6
.12
7 Pc.
Socket Blade Set
: T10, T15, T20, T25,
T27, T30, T40
wt. .69
Sockets
3/8” Drive 6” Long Bit Socket
Item
No.
Size
Inch
lbs.
T8
6
.12
T9
6
.12
T10
6
.12
T15
6
.12
T20
6
.12
T25
6
.12
T27
6
.12
T30
6
.12
T40
6
.12
9 Pc.
Socket Blade Set
: T8, T9, T10, T15, T20, T25,
T27, T30, T40
wt. 1.08
External Sockets
3/8
” Square drive socket.
Item
No.
Size mm
lbs.
E8
28
.07
E10
28
.07
E12
28
.07
E14
28
.08
External Sockets
1/4
” Square drive socket.
Item
No.
Size mm
lbs.
E4
25
.03
E5
25
.03
E6
25
.03
E8
25
.04
External Sockets
1/2
” Square drive socket.
Item
No.
Size mm
lbs.
E12
37
.12
E14
37
.12
E16
37
.14
E18
37
.14
E20
37
.15
E24
40
.24
8 pc.
Socket Set
3/8” Square Drive Replaceable Bit Sockets.
1/4” & 5/16” Bits CVM tool steel. OAL 1.65”
Item No.
lbs.
Set Includes:
.87
1/4”: T20, T25, T27, T30, T40
5/16”: T45, T50, T55
8 pc.
Socket Set
3/8” Square Drive Replaceable Bit Sockets.
Bits CVM tool steel. OAL 1.5”
Item No.
Set Includes:
lbs.
T9, T10, T15, T20,
.75
T25, T27, T30, T40
10 pc.
Socket Set
1/4” Square Drive Replaceable Bit Sockets.
Bits CVM tool steel. OAL 1.5”
Item No.
Set Includes:
lbs. T7, T8, T9, T10, T15,
.49 T20, T25, T27, T30, T40
6 pc.
Socket Set
1/4” Square Drive Replaceable Bit Sockets.
Bits CVM tool steel.
Item No.
Set Includes:
lbs.
T10, T15, T20,
.20
T25, T27, T30
6 pc.
Socket Set
1/2” Square Drive Replaceable Bit Sockets.
Bits CVM tool steel.
Item No.
Set Includes:
lbs.
T30, T40, T45
1.06
T50, T55, T60
Toll Free: (800) 494-6104
771
77193
77151
77153
77152
77154
77156
77158
77160
77162
77164
771
77101
77103
77105
77107
77109
77111
77113
77115
77117
77195
773
773
773
77390
77304
77305
77306
77308
77331
77333
77335
77337
77390
77341
77343
77345
77347
77349
77353
76191
76194
76395
76396
76191
76194
76395
76396
76490
76490



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com