Electronic Components Datasheet Search
  English  ▼

X  

36201 Datasheet(PDF) 31 Page - Wiha Tools

Part # 36201
Description  PROFESSIONAL TOOLS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

36201 Datasheet(HTML) 31 Page - Wiha Tools

Back Button 36201 Datasheet HTML 27Page - Wiha Tools 36201 Datasheet HTML 28Page - Wiha Tools 36201 Datasheet HTML 29Page - Wiha Tools 36201 Datasheet HTML 30Page - Wiha Tools 36201 Datasheet HTML 31Page - Wiha Tools 36201 Datasheet HTML 32Page - Wiha Tools 36201 Datasheet HTML 33Page - Wiha Tools 36201 Datasheet HTML 34Page - Wiha Tools 36201 Datasheet HTML 35Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 40 page
background image
31
Power Bits
1/4” Hex Drive, Length 2.0”/50mm. In clamshell
Item
No.
Size mm pkg. lbs.
T6
50
10
.18
T7
50
10
.18
T8
50
10
.18
T9
50
10
.18
T10
50
10
.18
T15
50
10
.18
T20
50
10
.18
T25
50
10
.18
T27
50
10
.18
T30
50
10
.18
T40
50
10
.18
Power Bits
1/4” Hex Drive, Length 2.75”/70mm
Item
No.
Size mm
pkg. lbs.
T6
70
1
.02
T7
70
1
.02
T8
70
1
.02
T9
70
1
.02
T10
70
1
.02
T15
70
1
.02
T20
70
1
.03
T25
70
1
.03
T27
70
1
.04
T30
70
1
.04
T40
70
1
.04
Power Bits
1/4” Hex Drive, Length 6.0”/150mm
Item
No.
Size mm
pkg. lbs.
T6
150
10
.04
T7
150
10
.04
T8
150
10
.04
T9
150
10
.04
T10
150
10
.04
T15
150
10
.04
T20
150
10
.04
T25
150
10
.04
T27
150
10
.04
T30
150
10
.04
Power Bits
1/4” Hex Drive, Length 3.5”/90mm
Item
No.
Size
mm pkg. lbs.
T6
90
1
.03
T7
90
1
.03
T8
90
1
.03
T9
90
1
.03
T10
90
1
.03
T15
90
1
.03
T20
90
1
.04
T25
90
1
.04
T27
90
1
.04
T30
90
1
.04
T40
90
1
.04
1/4” Power Bits
Power Bit Packs, 2
”
Item
No.
Size
mm
lbs.
T1
50
.05
T2
50
.05
T3
50
.05
T4
50
.05
T5
50
.05
T6
50
.05
T7
50
.05
T8
50
.05
T9
50
.05
T10
50
.05
T15
50
.05
T20
50
.05
T25
50
.06
T27
50
.06
T30
50
.06
T40
50
.06
2 bit
pack
Double End Bits
1/4” Hex Drive, Length 2.56”/65mm
Item
No.
Size Size mm pkg. lbs.
T7
T7
65 10
.32
T8
T8
65 10
.32
T9
T9
65 10
.32
T10 T10 65 10
.32
T27 T27 65 10
.34
T30 T30 65 10
.35
T40 T40 65 10
.38
Double End Bits
1/4” Hex Drive, Length 2.56”/65mm
Item
No.
Size Size mm lbs.
T7
T7
65
.05
T8
T8
65
.05
T9
T9
65
.05
T10 T10 65
.05
T15 T15 65
.05
T27 T27 65
.05
T30 T30 65
.05
T40 T40 65
.05
Wiha Double End
Bits
2 bit
pack
CVM S2
modified
tool steel
10 Piece Contractor Grade Bits
Bits, 1/4” Bit Box Packs
Item
No.
Size mm
pkg. lbs.
T15
50
15
.36
T20
50
15
.36
T25
50
15
.36
T27
50
15
.36
T30
50
15
.36
15 Piece Contractor
Grade Bit Boxes
745
74592
74593
74594
74596
74597
Bits, 1/4” Power Bits
Item
No.
Size mm
pkg. lbs.
T15
50
100 1.5
T20
50
100 1.5
T25
50
100 1.5
T27
50
100 1.5
T30
50
100 1.5
722
72279
72280
72281
72282
72283
100 Piece Contractor Grade Bits
Bits, 1/4” Power Bits
Item
No.
Size mm
pkg. lbs.
T15
50
250 7.5
T20
50
250 7.5
T25
50
250 7.5
T27
50
250 7.5
T30
50
250 7.5
723
72379
72381
72382
72383
72384
250 Piece Contractor Grade Bits
With a
purchase
of 10 Bit
boxes
www.wihatools.com
745
745
745
745
74511
74512
74513
74517
74519
74521
74523
74529
74531
74533
74535
74536
74538
74542
74544
74546
74548
74551
74553
74556
74558
74561
74563
74565
74567
74569
74571
74573
74575
74577
74579
74581
74583
74580
74582
74584
74585
74586
74587
74588
74589
74590
74591
745
74525
74527
74530
74540
74559
74501
74502
74503
74504
74506
74508
74510
74514
74515
74516
74518
744
744
74461
74462
74463
74464
74465
74468
74469
74470
74413
74415
74417
74419
74431
74433
74435



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com