Electronic Components Datasheet Search
  English  ▼

X  

DSP56301 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # DSP56301
Description  24-Bit Digital Signal Processor
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56301 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  DSP56301 Datasheet HTML 1Page - Freescale Semiconductor, Inc DSP56301 Datasheet HTML 2Page - Freescale Semiconductor, Inc DSP56301 Datasheet HTML 3Page - Freescale Semiconductor, Inc DSP56301 Datasheet HTML 4Page - Freescale Semiconductor, Inc DSP56301 Datasheet HTML 5Page - Freescale Semiconductor, Inc DSP56301 Datasheet HTML 6Page - Freescale Semiconductor, Inc DSP56301 Datasheet HTML 7Page - Freescale Semiconductor, Inc DSP56301 Datasheet HTML 8Page - Freescale Semiconductor, Inc DSP56301 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 124 page
background image
DSP56301 Technical Data, Rev. 10
iv
Freescale Semiconductor
External Memory Expansion
• Data memory expansion to two 16 M
× 24-bit word memory spaces in 24-Bit mode or two 64 K
× 16-bit memory spaces in 16-Bit Compatibility mode
• Program memory expansion to one 16 M
× 24-bit words memory space in 24-Bit mode or 64 K ×
16-bit in 16-Bit Compatibility mode
• External memory expansion port
• Chip Select Logic for glueless interface to SRAMs
• Internal DRAM Controller for glueless interface to dynamic random access memory (DRAMs)
Reduced Power Dissipation
• Very low-power CMOS design
• Wait and Stop low-power standby modes
• Fully static design specified to operate down to 0 Hz (dc)
• Optimized power management circuitry (instruction-dependent, peripheral-dependent, and
mode-dependent)
Packaging
The DSP56301 is available in a 208-pin thin quad flat pack (TQFP) or a 252-pin molded array
process-ball grid array (MAP-BGA) package. Both packages are available in lead-bearing and
lead-free versions.
Target Applications
Examples of target applications include:
• Wireless and wireline infrastructure applications
• Multi-channel wireless local loop systems
• DSP resource boards
• High-speed modem banks
• Packet telephony
Product Documentation
The three documents listed in the following table are required for a complete description of the
DSP56301 and are necessary to design properly with the part. Documentation is available from the
following sources. (See the back cover for detailed information.)
• A local Freescale distributor
• A Freescale semiconductor sales office
• A Freescale Literature Distribution Center
• The World Wide Web (WWW)
Table 1.
DSP56301 Documentation
Name
Description
Order Number
DSP56300 Family
Manual
Detailed description of the DSP56300 family processor core and
instruction set
DSP56300FM/AD
DSP56301 User’s
Manual
Detailed functional description of the DSP56301 memory
configuration, operation, and register programming
DSP56301UM/D
DSP56301
Technical Data
DSP56301 features list and physical, electrical, timing, and
package specifications
DSP56301



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com