Electronic Components Datasheet Search
  English  ▼

X  

DSP56301 Datasheet(PDF) 89 Page - Freescale Semiconductor, Inc

Part # DSP56301
Description  24-Bit Digital Signal Processor
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56301 Datasheet(HTML) 89 Page - Freescale Semiconductor, Inc

Back Button DSP56301 Datasheet HTML 85Page - Freescale Semiconductor, Inc DSP56301 Datasheet HTML 86Page - Freescale Semiconductor, Inc DSP56301 Datasheet HTML 87Page - Freescale Semiconductor, Inc DSP56301 Datasheet HTML 88Page - Freescale Semiconductor, Inc DSP56301 Datasheet HTML 89Page - Freescale Semiconductor, Inc DSP56301 Datasheet HTML 90Page - Freescale Semiconductor, Inc DSP56301 Datasheet HTML 91Page - Freescale Semiconductor, Inc DSP56301 Datasheet HTML 92Page - Freescale Semiconductor, Inc DSP56301 Datasheet HTML 93Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 124 page
background image
TQFP Package Mechanical Drawing
DSP56301 Technical Data, Rev. 10
Freescale Semiconductor
3-11
3.2 TQFP Package Mechanical Drawing
Figure 3-3.
DSP56301 Mechanical Information, 208-pin TQFP Package
J
U
D
F
Section AB-AB
rotated 900 clockwise
208 places
Plating
Base metal
M
0.08
T L-M N
1
52
53
104
105
156
157
208
L-M
0.2
N
T
4X
L-M
0.2
N
T
4X 52 TIPS
Pin 1
ident
L
M
B
V
V1
B1
A1
S1
A
S
N
3X
view Y
T
C
View AA
Seating
plane
208X
4X
(2)
q
T
0.08
View AA
Gage
plane
2X R
R1
0.25
(Z)
(W)
1
q
q
(K)
E
C1
C2
0.05
AB
View Y
G
P
X
AB
C
L
X= L, M or N
DIM
MIN
MAX
Millimeters
A
28.00 BSC
A1
14.00 BSC
B
28.00 BSC
B1
14.00 BSC
C
---
1.60
C1
0.05
---
C2
1.35
1.45
D
0.17
0.27
E
0.45
0.75
F
0.17
0.23
G
0.50 BSC
J
0.09
0.20
K0.50 REF
P
0.25 BSC
R1
0.10
0.20
S
30.00 BSC
S1
15.00 BSC
U
0.09
0.16
V
30.00 REF
V1
15.00 REF
W0.20 REF
Z1.00 REF
q0
7
q0
---
q12 REF
1
2
CASE 998-01
Notes:
1.Dimensioning and tolerancing per ANSI
Y14.5M, 1982.
2.Controlling dimension: millimeter.
3. Datum plane-H- is located at bottom of
lead and is coincident with the lead
where the lead exits the plastic body at
the bottom of the parting line.
4. Datums -L-, -M-, and -N- to be
determined at datum plane -H-.
5. Dimensions S and V to be determined
at seating place -T-.
6. Dimensions A and B do not include
mold protrusion. Allowable protrusion
is 0.25 per side. Dimensions A and B
do include mold mismatch and are
determined at datum plane -H-.
7. Dimension d does not include dambar
protrusion. Dambar protrusion shall
not cause the lead width to exceed
0.35 minimum space between
protrusion and adjacent lead 0.07.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com