Electronic Components Datasheet Search
  English  ▼

X  

33401 Datasheet(PDF) 9 Page - Wiha Tools

Part # 33401
Description  Professional HEX Tools
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

33401 Datasheet(HTML) 9 Page - Wiha Tools

Back Button 33401 Datasheet HTML 5Page - Wiha Tools 33401 Datasheet HTML 6Page - Wiha Tools 33401 Datasheet HTML 7Page - Wiha Tools 33401 Datasheet HTML 8Page - Wiha Tools 33401 Datasheet HTML 9Page - Wiha Tools 33401 Datasheet HTML 10Page - Wiha Tools 33401 Datasheet HTML 11Page - Wiha Tools 33401 Datasheet HTML 12Page - Wiha Tools 33401 Datasheet HTML 13Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
9
2 Pack Inch & Metric Mid-Length Ball End Hex L-key Sets
Chrome-V-Moly, hardened, black finish.
Item No.
2 Sets with 22 L-keys include:
lbs. 1.54
Sizes: 1.5, 2.0, 2.5, 3.0, 4.0, 5.0, 6.0, 8.0, 10.0mm
.050, 1/16, 5/64, 3/32, 7/64, 1/8, 9/64, 5/32, 3/16, 7/32, 1/4, 5/16, 3/8”
Inch & Metric
Mid-Length Ball End Hex Keys Black Finish
9 Piece Metric Mid-Length Ball End Hex L-key Set
Blade Chrome-V-Moly, hardened, black finish.
Item No.
Metric: 1.5, 2.0, 2.5, 3.0, 4.0, 5.0,
lbs.
6.0, 8.0, 10.0mm
.72
13 Piece Inch Mid-Length Ball End Hex L-key Set
Blade Chrome-V-Moly, hardened, black finish.
Item No.
13 pc. set includes:
lbs. .82
.050, 1/16, 5/64, 3/32, 7/64, 1/8, 9/64,
5/32, 3/16, 7/32, 1/4, 5/16, 3/8”
Ball End Hex Inch Mid-Length L-keys
Blade Chrome-V-Moly, hardened, black finish.
Item
No.
Inch
Inch
Inch
lbs.
pkg.
.050
2.82
.45
.002
1
1/16
3.05
.53
.004
1
5/64
3.27
.63
.007
1
3/32
3.43
.68
.010
1
7/64
3.62
.76
.016
1
1/8
3.84
.76
.021
1
9/64
4.08
.87
.029
1
5/32
4.36
.96
.035
1
3/16
4.67
1.08
.059
1
7/32
5.05
1.18
.092
1
1/4
5.73
1.25
.13
1
5/16
6.75
1.36
.22
1
3/8
7.0
1.50
.36
1
Ball End Hex Metric Mid-Length L-keys
Blade Chrome-V-Moly, hardened, black finish.
Item
No.
mm
mm
mm
lbs.
pkg.
1.5
79
13
.010
1
2.0
84
15
.016
1
2.5
90
17
.029
1
3.0
100
19
.035
1
4.0
113
24
.059
1
5.0
123
26
.092
1
6.0
144
31
.13
1
8.0
159
35
.22
1
10.0 181
37
.36
1
Ball End Hex Keys
Chamfered ends for
easy insertion
Ball End Hex
L-keys
Working angle
up to 25O
For angle
entry
9 Pc. Short Arm Metric Ball End Hex L-key Set, In Plastic
Holder Equipped with 1.5, 2.0, 2.5, 3.0, 4.0, 5.0, 6.0, 8.0, 10.0mm
lbs. .59
pkg. 1
For angle
entry
Ball End Hex Keys Black Finish Short Arm
10 Pack
Item No.
pkg.
10
10
10
10
10
10
10
10
10
10
10
10
10
10 Pack
Item No. pkg.
10
10
10
10
10
10
10
10
10
Singles available October 2013
Singles available October 2013
369
36930
36931
36932
36933
36934
36935
36938
36939
36966
46732
46733
46734
46735
46736
46737
46738
46739
46741
369
36901
36902
36903
36905
36906
36907
36909
36910
36923
36925
36926
36927
36929
46701
46703
46705
46707
46709
46711
46713
46717
46719
46721
46723
46727
46731
36999
36999
36900
36900
36937
36937
36989
www.wihatools.com
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com