Electronic Components Datasheet Search
  English  ▼

X  

33401 Datasheet(PDF) 17 Page - Wiha Tools

Part # 33401
Description  Professional HEX Tools
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

33401 Datasheet(HTML) 17 Page - Wiha Tools

Back Button 33401 Datasheet HTML 13Page - Wiha Tools 33401 Datasheet HTML 14Page - Wiha Tools 33401 Datasheet HTML 15Page - Wiha Tools 33401 Datasheet HTML 16Page - Wiha Tools 33401 Datasheet HTML 17Page - Wiha Tools 33401 Datasheet HTML 18Page - Wiha Tools 33401 Datasheet HTML 19Page - Wiha Tools 33401 Datasheet HTML 20Page - Wiha Tools 33401 Datasheet HTML 21Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
Wiha PocketStar Fold-Ups
9 Piece MagicRing Inch PocketStar Fold Outs
High alloy CVM steel, hardened, molded ergonomic handle.
Item No.
36997 PocketStar
lbs. .46
Inch: 5/64*, 3/32*, 7/64*, 1/8, 9/64, 5/32, 3/16, 7/32, 1/4”
* Standard Ball - No Ring
36997
9 Piece Inch Hex PocketStar Fold Outs
High alloy CVM steel, hardened, molded ergonomic handle.
Item No.
35197 PocketStar
lbs. .47
Inch: 5/64, 3/32, 7/64, 1/8, 9/64, 5/32, 3/16, 7/32, 1/4”
35197
7 Piece MagicRing Metric PocketStar Fold Outs
High alloy CVM steel, hardened, molded ergonomic handle.
Item No.
36996 PocketStar
lbs. .50
Metric: 2.0*, 2.5*, 3.0, 4.0, 5.0, 6.0, 8.0mm
* Standard Ball - No Ring
36996
Screw
Holding
Screw
Holding
7 Piece Metric Hex PocketStar Fold Outs
High alloy CVM steel, hardened, molded ergonomic handle.
Item No.
35195 PocketStar
lbs. .51
Metric: 2.0, 2.5, 3.0, 4.0, 5.0, 6.0, 8.0mm
35195
7 Piece Metric Hex PocketStar Fold Outs
High alloy CVM steel, hardened, molded ergonomic handle.
Item No.
35196 PocketStar
lbs. .31
Metric: 1.5, 2.0, 2.5, 3.0, 4.0, 5.0, 6.0mm
35196
6 Pc. Slotted, Phillips & Hex Metric PocketStar Fold Outs
High alloy CVM steel, hardened, molded ergonomic handle.
Item No.
35198 PocketStar
lbs. .35
Slotted: 5.5mm
Phillips: #2
Metric: 3.0, 4.0, 5.0, 6.0mm
35198
2 Pack MagicRing PocketStar Fold Outs Inch & Metric
High alloy CVM steel, hardened, molded ergonomic handle.
Item No.
66997 Fold Outs Inch/Metric Includes:
lbs. .98
36996 - 2.0*, 2.5*, 3.0, 4.0, 5.0, 6.0, 8.0mm
36997 - 5/64*, 3/32*, 7/64*, 1/8, 9/64, 5/32, 3/16, 7/32, 1/4”
* Standard Ball - No Ring
66997
Screw
Holding
#35195
#35196
Push button
key release
Push button
key release
Push button
key release
Push button key release
Push button key
release
17
www.wihatools.com
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com