Electronic Components Datasheet Search
  English  ▼

X  

33401 Datasheet(PDF) 22 Page - Wiha Tools

Part # 33401
Description  Professional HEX Tools
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

33401 Datasheet(HTML) 22 Page - Wiha Tools

Back Button 33401 Datasheet HTML 18Page - Wiha Tools 33401 Datasheet HTML 19Page - Wiha Tools 33401 Datasheet HTML 20Page - Wiha Tools 33401 Datasheet HTML 21Page - Wiha Tools 33401 Datasheet HTML 22Page - Wiha Tools 33401 Datasheet HTML 23Page - Wiha Tools 33401 Datasheet HTML 24Page - Wiha Tools 33401 Datasheet HTML 25Page - Wiha Tools 33401 Datasheet HTML 26Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
8 Piece Insulated Hex L-key Set - Inch
Item No.
13690
1/8, 5/32, 3/16, 7/32, 1/4, 5/16, 3/8, 1/2”
lbs. 2.17
1000Volt
7 Piece Insulated Hex L-key Set - Metric
Item No.
13691
3.0, 4.0, 5.0, 6.0, 8.0, 10.0, 12.0mm
lbs. 2.07
#13690
#13691
22
Insulation Test Standards:
Insulation according to ASTM,
F-1505-01, EN/IEC 60900
and CSA
136 Inch Insulated Hex L-keys, With Insulated Handle
Insulation According to IEC 60900 specification, up to 1000 Volt.
Individually Tested. Blade chrome-vanadium steel, hardened.
Item
OAL
OAL
No.
Inch
mm
Inch
lbs.
pkg.
13670
1/16
79
3.1
.05
1
13671
5/64
84
3.3
.05
1
13672
3/32
89
3.5
.05
1
13673
7/64
94
3.7
.06
1
13663
1/8
104
4.1
.06
1
13665
5/32
104
4.1
.06
1
13666
3/16
134
5.3
.10
1
13667
7/32
134
5.3
.12
1
13668
1/4
134
5.3
.16
1
13669
5/16
144
5.7
.24
1
13662
3/8
234
9.2
.51
1
13664
1/2
234
9.2
.77
1
1000Volt
136 Metric Insulated Hex L-keys, With Insulated Handle
Insulation According to IEC 60900 specification, up to 1000 Volt.
Individually Tested. Blade chrome-vanadium steel, hardened.
Item
OAL
OAL
No.
mm
mm
Inch
lbs.
pkg.
13650
1.5
100
3.9
.09
1
13651
2.0
105
4.1
.09
1
13652
2.5
115
4.5
.09
1
13653
3.0
130
5.1
.10
1
13654
4.0
120
4.7
.10
1
13655
5.0
140
5.5
.10
1
13656
6.0
140
5.5
.13
1
13658
8.0
150
5.9
.24
1
13659
10.0
220
8.7
.51
1
13657
12.0
260
10.2
.77
1
1000Volt
13690
13691
Each tool individually
tested to 10,000 volts
and certified to 1000
Volt ac or 1500 Volt dc
1000V
Insulation
Applied directly
onto blade for
permanent
bonding
Wiha Insulated 3/8” Bit Sockets & Set
1000Volt
7 Piece Insulated 3/8” Drive Socket Set - Inch
CV steel, forged, oil-hardened sockets. Insulated to EN/IEC 60900.
Item No. 31890
Set includes the following:
lbs. 1.7
3/16, 7/32, 1/4, 5/16, 3/8, 7/16, 1/2”
31890
318
Insulated 3/8” Drive Sockets - Insulation according to
EN/IEC 60900, DIN 7448 specification, up to 1000 Volt.
Individually Tested. Chrome-vanadium steel, forged, oil-hardened.
Item
No.
Inch
OAL
lbs.
pkg.
31805
3/16
3.1”
.13
1
31807
7/32
3.1”
.14
1
31809
1/4
3.1”
.14
1
31811
5/16
3.1”
.16
1
31813
3/8
3.1”
.18
1
31815
7/16
3.1”
.20
1
31817
1/2
3.1”
.22
1
*Sockets must be used with insulated ratchets & extensions
1000Volt
Wiha Insulated Hex L-keys
13693
10 Piece Insulated Hex L-key Set - Metric
Item No.
1.5, 2.0, 2.5, 3.0, 4.0, 5.0, 6.0,
lbs.
13693
8.0, 10.0, 12.0mm
2.26
1000Volt
13694
12 Piece Insulated Hex L-key Set - Inch
Item No.
1/16, 5/64, 3/32, 7/64, 1/8, 5/32,
lbs.
13694
3/16, 7/32, 1/4, 5/16, 3/8, 1/2”
2.40
Toll Free: (800) 494-6104
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com