Electronic Components Datasheet Search
  English  ▼

X  

33401 Datasheet(PDF) 35 Page - Wiha Tools

Part # 33401
Description  Professional HEX Tools
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

33401 Datasheet(HTML) 35 Page - Wiha Tools

Back Button 33401 Datasheet HTML 31Page - Wiha Tools 33401 Datasheet HTML 32Page - Wiha Tools 33401 Datasheet HTML 33Page - Wiha Tools 33401 Datasheet HTML 34Page - Wiha Tools 33401 Datasheet HTML 35Page - Wiha Tools 33401 Datasheet HTML 36Page - Wiha Tools 33401 Datasheet HTML 37Page - Wiha Tools 33401 Datasheet HTML 38Page - Wiha Tools 33401 Datasheet HTML 39Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 44 page
background image
35
Hex Metric Insert Bits, 1/4”
Item
No.
mm
mm
pkg.
lbs.
71303
1.5
25
10
.12
71306
2.0
25
10
.12
71308
2.5
25
10
.12
71309
3.0
25
10
.12
71312
4.0
25
10
.12
71315
5.0
25
10
.14
71318
6.0
25
10
.14
71321
8.0
25
10
.20
71324
10.0
25
10
.27
Hex Inch Insert Bits, 1/4”
Item
No.
Inch
mm
pkg. lbs.
71329
.050
25
10
.12
71326
1/16
25
10
.12
71328
5/64
25
10
.12
71330
3/32
25
10
.12
71333
7/64
25
10
.12
71336
1/8
25
10
.12
71339
9/64
25
10
.12
71342
5/32
25
10
.12
71345
3/16
25
10
.13
71348
7/32
25
10
.13
71351
1/4
25
10
.13
71353
5/16
25
10
.20
71356
3/8
25
10
.25
713
713
Hex Inch Insert Bit Packs, 1
”
CVM S2 modified tool steel.
Item
No.
Inch
mm
lbs.
71359
.050
25
.03
71360
1/16
25
.03
71361
5/64
25
.03
71362
3/32
25
.03
71363
7/64
25
.03
71364
1/8
25
.03
71365
9/64
25
.03
71366
5/32
25
.04
71367
3/16
25
.04
71368
7/32
25
.04
71369
1/4
25
.04
71373
5/16
25
.05
71387
3/8
25
.06
713
Hex Metric Insert Bit Packs, 1
”
CVM S2 modified tool steel.
Item
No.
mm
mm
lbs.
73301
1.5
25
.03
73302
2.0
25
.03
73303
2.5
25
.03
73304
3.0
25
.03
73305
4.0
25
.03
73306
5.0
25
.03
73307
6.0
25
.04
73308
8.0
25
.05
73309
10.0
25
.06
733
Hex Bits
Hex Metric Insert Bit Packs, 1
” CVM
S2 modified tool steel. Extra hard with natural
finish. Exact fit machined tips. 6 pc. bit pack.
71397
Set includes the following bits:
Hex Metric:
wt. .21
2.0, 2.5, 3.0, 4.0, 5.0, 6.0
71397
Hex Inch Insert Bit Packs, 1
” CVM
S2 modified tool steel. Extra hard with natural
finish. Exact fit machined tips. 6 pc. bit pack.
71396
Set includes the following bits:
Hex Inch:
1/16, 3/32, 1/8, 5/32
wt. .13
3/16, 1/4” x 1” (25mm)
71396
The ideal multi-purpose bits for
all around quality & performance
Made in Germany -
Production Quality
Highly resistant
to wear and
tear for a
long tool
life
Suitable for all applications for both
manual & machine Hardness HRC 59-61
Impact resistant modified
CVM, tool steel, hardened
Wiha Hex Inch & Metric Insert Bits
2 bit
pack
Wiha Hex Inch & Metric
Insert Bit Packss
Security Hex In Insert Bits, 1/4”
Item
No.
Inch
mm
pkg.
lbs.
71930
5/64
25
10
.12
71932
3/32
25
10
.12
71934
7/64
25
10
.12
71936
1/8
25
10
.12
71938
9/64
25
10
.12
71940
5/32
25
10
.12
71955
3/16
25
10
.13
71956
7/32
25
10
.14
71960
1/4
25
10
.15
719
719
Security Hex Inch Insert Bit Packs, 1
”
CVM S2 modified tool steel.
Item
No.
Inch
mm
lbs.
71970
5/64
25
.03
71971
3/32
25
.03
71972
7/64
25
.03
71973
1/8
25
.03
71974
9/64
25
.03
71975
5/32
25
.03
71976
3/16
25
.04
71977
7/32
25
.04
71978
1/4
25
.04
719
719
Security Hex Metric Insert Bits, 1/4”
Item
No.
mm
mm
pkg.
lbs.
71939
2.0
25
10
.12
71941
2.5
25
10
.12
71942
3.0
25
10
.12
71943
4.0
25
10
.12
71944
5.0
25
10
.15
71945
6.0
25
10
.15
71946
8.0
25
10
.20
Security Hex Metric Insert Bit Packs, 1
”
CVM S2 modified tool steel.
Item
No.
mm
mm
lbs.
71979
2.0
25
.03
71980
2.5
25
.03
71981
3.0
25
.03
71982
4.0
25
.03
71983
5.0
25
.04
71984
6.0
25
.04
71985
8.0
25
.05
2 bit
pack
Wiha Security Hex Insert Bits
www.wihatools.com
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com