Electronic Components Datasheet Search
  English  ▼

X  

33401 Datasheet(PDF) 28 Page - Wiha Tools

Part # 33401
Description  Professional HEX Tools
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

33401 Datasheet(HTML) 28 Page - Wiha Tools

Back Button 33401 Datasheet HTML 24Page - Wiha Tools 33401 Datasheet HTML 25Page - Wiha Tools 33401 Datasheet HTML 26Page - Wiha Tools 33401 Datasheet HTML 27Page - Wiha Tools 33401 Datasheet HTML 28Page - Wiha Tools 33401 Datasheet HTML 29Page - Wiha Tools 33401 Datasheet HTML 30Page - Wiha Tools 33401 Datasheet HTML 31Page - Wiha Tools 33401 Datasheet HTML 32Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
28
Metric Hex Driver, With Precision Handle
Metric sizes. Blade high alloy chrome-vanadium-molybdenum steel.
Item
No.
mm
Inch
mm
Inch
mm
Inch
lbs.
pkg.
26307
.71
.028
40
1.6
120
4.7
.02
10
26309
.89
.035
40
1.6
120
4.7
.02
10
26313
1.27
.050
40
1.6
120
4.7
.02
10
26315
1.5
-
50
2.0
145
5.7
.03
10
26320
2.0
5/64
50
2.0
145
5.7
.03
10
26325
2.5
-
60
2.4
170
6.7
.04
10
26330
3.0
-
60
2.4
170
6.7
.04
10
26340
4.0
-
60
2.4
170
6.7
.05
10
*Metric dimensions actual - Inch dimensions approximate
263 Metric
Wiha Hex Precision Series
Inch Hex Driver, With Precision Handle
Inch sizes. Blade high alloy chrome-vanadium-molybdenum steel.
Item
No.
Inch mm
mm
Inch
mm
Inch
lbs.
pkg.
26307
.028
.71
40
1.6
120
4.7
.02
10
26309
.035
.89
40
1.6
120
4.7
.02
10
26313
.050
1.27
40
1.6
120
4.7
.02
10
26316
1/16
-
50
2.0
145
5.7
.03
10
26320
5/64
2.0
50
2.0
145
5.7
.03
10
26323
3/32
-
60
2.4
170
6.7
.04
10
26327
7/64
-
60
2.4
170
6.7
.04
10
26331
1/8
-
60
2.4
170
6.7
.04
10
26333
9/64
60
2.4
170
6.7
.05
10
26336
5/32
60
2.4
170
6.7
.05
10
*Metric dimensions actual - Inch dimensions approximate
263 Inch
8 Pc. Precision Hex Driver Set -
Inch Blade high alloy CVM steel.
Item
No.
Inch
Inch
lbs.
26391
26307
.028
1.6
.32
26309
.035
1.6
26313
.050
1.6
26316
1/16
2.0
26320
5/64
2.0
26323
3/32
2.4
26327
7/64
2.4
26331
1/8
2.4
26391
8 Piece Precision Hex Driver Set - Inch
Blade high alloy chrome-vanadium-molybdenum steel. Hard chrome
finished. In canvas storage pouch
Item
No.
Inch
Inch
Inch
Inch
lbs.
26399
26307
.028
1.6
26320
5/64
2.0
.55
26309
.035
1.6
26323
3/32
2.4
26313
.050
1.6
26327
7/64
2.4
26316
1/16
2.0
26331
1/8
2.4
26399
7 Pc. Precision Hex Driver Set -
Metric Blade high alloy chrome-vanadium-
molybdenum steel.
Item
No.
Inch
Inch
lbs.
26390
26307
.71
1.6
.28
26309
.89
1.6
26313
1.27
1.6
26315
1.5
2.0
26320
2.0
2.0
26325
2.5
2.4
26330
3.0
2.4
26390
Ball End Hex Metric Screwdriver With Precision Handle
Angle entry up to 30°. Blade high alloy CVM steel.
Item
No.
mm
Inch
mm Inch
mm
Inch
lbs.
pkg.
26413
1.27 .050
40
1.6
120
4.7
.02
10
26415
1.5
-
50
2.0
145
5.7
.03
10
26420
2.0
-
50
2.0
145
5.7
.03
10
26425
2.5
-
60
2.4
170
6.7
.04
10
26430
3.0
-
60
2.4
170
6.7
.05
10
26440
4.0
60
2.4
170
6.7
.05
10
*Metric dimensions actual - Inch dimensions approximate
5 Piece Ball End Hex Driver Set -
Metric Angle entry up to 30°.
Blade high alloy CVM steel.
Item
No.
mm
mm
lbs.
26491
26413
1.27
40
.31
26415
1.5
50
26420
2.0
50
26425
2.5
60
26430
3.0
60
26491
264 Metric
30°
Wiha Ball End Precision Series
Toll Free: (800) 494-6104
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com