Electronic Components Datasheet Search
  English  ▼

X  

33401 Datasheet(PDF) 40 Page - Wiha Tools

Part # 33401
Description  Professional HEX Tools
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

33401 Datasheet(HTML) 40 Page - Wiha Tools

Back Button 33401 Datasheet HTML 36Page - Wiha Tools 33401 Datasheet HTML 37Page - Wiha Tools 33401 Datasheet HTML 38Page - Wiha Tools 33401 Datasheet HTML 39Page - Wiha Tools 33401 Datasheet HTML 40Page - Wiha Tools 33401 Datasheet HTML 41Page - Wiha Tools 33401 Datasheet HTML 42Page - Wiha Tools 33401 Datasheet HTML 43Page - Wiha Tools 33401 Datasheet HTML 44Page - Wiha Tools  
Zoom Inzoom in Zoom Outzoom out
 40 / 44 page
background image
Wiha Socket Sets On Molded Rails
8 Piece Hex Inch Socket Set
3/8” Square Drive Replaceable Bit Socket.
Item No.
Set includes the following:
71392
lbs. 1/8, 9/64, 5/32, 3/16, 7/32,
.78 1/4, 5/16, 3/8”
71392
10 Piece Hex Inch Socket Set
1/4” Square drive replaceable bit socket.
Item No.
71391
lbs.
Set includes the following:
.48
1/16, 5/64, 3/32, 7/64, 1/8
9/64, 5/32, 3/16, 7/32, 1/4”
71391
9 Piece Hex Metric Socket Set
1/4” & 3/8” Sq. Dr. Replaceable Bit Socket
Item No.
71996
lbs.
Set includes the following:
.66
1/4”: 1.5, 2.0, 2.5, 3.0, 4.0mm
3/8”: 5.0, 6.0, 8.0, 10.0mm
71996
5 Piece Hex Metric Socket Set
3/8” Square Drive Replaceable Bit Socket.
Item No.
Set includes the following:
71394
lbs.
Hex Metric: 4.0, 5.0, 6.0,
.56
8.0, 10.0mm
71394
9 Pc. Security Hex Inch Socket Set
3/8” Square Drive Replaceable Bit Socket.
Item No.
71999
lbs.
Set includes the following:
.86
5/64, 3/32, 7/64, 1/8,
9/64, 5/32, 3/16, 7/32, 1/4”
71999
8 Pc. Ball End Hex Inch Socket Set
1/4” Square Drive Replaceable Bit Socket.
Item No.
71798
lbs.
Set includes the following:
.72
3/32, 7/64, 1/8, 9/64, 5/32, 3/16, 7/32, 1/4”
71798
7 Pc. Ball End Hex Metric Sockets
1/4” Square Drive Replaceable Bit Socket.
Item No.
Set includes the following:
71797
lbs.
Hex Metric: 1.5, 2.0, 2.5,
.72
3.0, 4.0, 5.0, 6.0mm
71797
7 Pc. Ball End Hex Inch Socket Set
1/4” Square Drive Replaceable Bit Socket.
Item No.
Set includes the following:
71398
lbs.
3/32, 1/8, 9/64, 5/32,
.48
3/16, 7/32, 1/4”
71398
5 Piece Hex Inch Socket Set
3/8” Square Drive Replaceable Bit Socket.
Item No.
Set includes the following:
71393
lbs.
Hex Inch: 1/8, 3/16,
.54
1/4, 5/16, 3/8”
71393
7 Pc. Security Hex Metric Sockets
3/8” Square Drive Replaceable Bit Socket.
Item No.
71989
lbs.
Set includes the following:
.74
2.0, 2.5, 3.0, 4.0, 5.0,
6.0, 8.0mm
71989
Bits CVM
tool steel
Bits CVM
tool steel
Bits CVM
tool steel
Bits CVM
tool steel
Bits CVM
tool steel
Bits CVM
tool steel
Bits CVM
tool steel
Bits CVM
tool steel
Bits CVM
tool steel
Bits CVM
tool steel
40
Toll Free: (800) 494-6104
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com