Electronic Components Datasheet Search
  English  ▼

X  

C5000 Datasheet(PDF) 8 Page - HAKKO Corporation

Part # C5000
Description  Desoldering Tool
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAKKO [HAKKO Corporation]
Direct Link  https://www.hakko.com/
Logo HAKKO - HAKKO Corporation

C5000 Datasheet(HTML) 8 Page - HAKKO Corporation

Back Button C5000 Datasheet HTML 2Page - HAKKO Corporation C5000 Datasheet HTML 3Page - HAKKO Corporation C5000 Datasheet HTML 4Page - HAKKO Corporation C5000 Datasheet HTML 5Page - HAKKO Corporation C5000 Datasheet HTML 6Page - HAKKO Corporation C5000 Datasheet HTML 7Page - HAKKO Corporation C5000 Datasheet HTML 8Page - HAKKO Corporation C5000 Datasheet HTML 9Page - HAKKO Corporation C5000 Datasheet HTML 10Page - HAKKO Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8. REPLACEMENT PARTS/OPTION
Item No.
Part No.
Part Name
Specifications
(1)
A5046
Heating element
100V–110V
A5047
120V
A5048
127V
A5049
220V–240V
(2)
B5063
Movable joint
(3)
B5064
Wave spring
(4)
B5062
Joint cover
(5)
Nozzle
See section “■ NOZZLE
STYLES” on the next page.
(6)
B5193
Element cover
Item No.
Part No.
Part Name
Specifications
(1)
A5044
Ceramic paper filter (L)
10 pcs.
(2)
B5104
Pre-filter (ALUM)
(3)
B5194
Filter pipe
(4)
A5030
Front holder
(5)
B5195
Back holder
(1)
(2)
(3)
(4)
(5)
(6)
(1)
(2)
(3)
(4)
(5)
Part No.
Part Name
Specifications
B1085
Cleaning pin
For heating element
B2874
For ø0.6 mm (0.02 in.) nozzle
B1086
For ø0.8 mm (0.03 in.) nozzle
B1087
For ø1.0 mm (0.04 in.) nozzle
B1088
For ø1.3 mm (0.05 in.) nozzle
B1089
For ø1.6 mm (0.06 in.) nozzle
B5141
Cleaning drill
For ø0.6 mm (0.02 in.) nozzle
B1302
For ø0.8 mm (0.03 in.) nozzle
B1303
For ø1.0 mm (0.04 in.) nozzle
B1304
For ø1.3 mm (0.05 in.) nozzle
B1305
For ø1.6 mm (0.06 in.) nozzle
B5142
Drill holder
For ø0.6 mm (0.02 in.) nozzle
B1306
For ø0.8 mm (0.03 in.)/1.0 mm (0.04 in.) nozzle
B1307
For ø1.3 mm (0.05 in.)/1.6 mm (0.06 in.) nozzle
B5143
Drill bit
For ø0.6 mm (0.02 in.) nozzle (set of 10)
B1308
For ø0.8 mm (0.03 in.) nozzle (set of 10)
B1309
For ø1.0 mm (0.04 in.) nozzle (set of 10)
B1310
For ø1.3 mm (0.05 in.) nozzle (set of 10)
B1311
For ø1.6 mm (0.06 in.) nozzle (set of 10)
B1356
Adapter
B5015
Nozzle changing tool
C5000
Carrying case
C5003
Iron holder
Simple type
C1100
Iron holder
Optional
A1042
Cleaning sponge



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com