Electronic Components Datasheet Search
  English  ▼

X  

C5000 Datasheet(PDF) 5 Page - HAKKO Corporation

Part # C5000
Description  Desoldering Tool
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAKKO [HAKKO Corporation]
Direct Link  https://www.hakko.com/
Logo HAKKO - HAKKO Corporation

C5000 Datasheet(HTML) 5 Page - HAKKO Corporation

  C5000 Datasheet HTML 1Page - HAKKO Corporation C5000 Datasheet HTML 2Page - HAKKO Corporation C5000 Datasheet HTML 3Page - HAKKO Corporation C5000 Datasheet HTML 4Page - HAKKO Corporation C5000 Datasheet HTML 5Page - HAKKO Corporation C5000 Datasheet HTML 6Page - HAKKO Corporation C5000 Datasheet HTML 7Page - HAKKO Corporation C5000 Datasheet HTML 8Page - HAKKO Corporation C5000 Datasheet HTML 9Page - HAKKO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
FRONT
6. MAINTENANCE(Continued)
The element cover assembly is held to the
nozzle wrench by pressing this part from both
sides. (The nozzle is not held to the nozzle
wrench.)
Nozzle
● Filter Pipe and related parts
Be careful since the area around the filter pipe is extremely hot.
1. Pull the rear holder back until it clicks (locks into place) and remove the filter pipe.
2. Inspect the filter and holders and replace as needed.
3. During assembly, be sure to insert the filter. Failure to do so may damage the unit. After
the parts have been assembled, place the filter pipe assembly into position and push the
release button. The back holder will spring forward and secure the filter pipe while creating
a vacuum seal.
Filter pipe
Back holder
Release button
Front holder
Filter holder
Filter pipe
Pre-filter
Ceramic paper filter (L)
Filter Pipe and related parts
(1) A general guide to replacement part
Use the table below as a general guide to replacement part. Use only genuine HAKKO FR-301
replacement parts as the use of other parts may impair performance, or cause damage or injury.
Part Name
Signs that replacement is needed
Pre-filter
Cannot hold solder
Warping
Ceramic paper filter (L)
Hardened by flux staining
Front holder
Hardening has reduced air tightness
Nozzle
Repels solder
Solder plating on tip is gone
Clogging
Hole has corroded and is larger
Temperature is low
Heating core (in heater)
Clogged
Normal heater resistance value: 35 Ω (100 - 120 V
models) 160 Ω (220 - 240 V models)
Valve
Cracking
Diaphragm
Tearing
Inner hose
Hose is clogged with flux
Hose has hardened and is no longer flexible
Tearing
(2) Replacing parts
● Nozzle
NOTE: Be careful since the areas around the nozzle and heating element are very hot.
1. Remove the element cover and the nozzle with the included nozzle wrench.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com