Electronic Components Datasheet Search
  English  ▼

X  

C5000 Datasheet(PDF) 1 Page - HAKKO Corporation

Part # C5000
Description  Desoldering Tool
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAKKO [HAKKO Corporation]
Direct Link  https://www.hakko.com/
Logo HAKKO - HAKKO Corporation

C5000 Datasheet(HTML) 1 Page - HAKKO Corporation

  C5000 Datasheet HTML 1Page - HAKKO Corporation C5000 Datasheet HTML 2Page - HAKKO Corporation C5000 Datasheet HTML 3Page - HAKKO Corporation C5000 Datasheet HTML 4Page - HAKKO Corporation C5000 Datasheet HTML 5Page - HAKKO Corporation C5000 Datasheet HTML 6Page - HAKKO Corporation C5000 Datasheet HTML 7Page - HAKKO Corporation C5000 Datasheet HTML 8Page - HAKKO Corporation C5000 Datasheet HTML 9Page - HAKKO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
OVERSEAS AFFILIATES
U.S.A.: AMERICAN HAKKO PRODUCTS, INC.
TEL: (661) 294-0090 FAX: (661) 294-0096
Toll Free (800)88-HAKKO
4 2 5 5 6
http://www.hakkousa.com
HONG KONG: HAKKO DEVELOPMENT CO., LTD.
TEL: 2811-5588 FAX: 2590-0217
http://www.hakko.com.hk
E-mail:info@hakko.com.hk
SINGAPORE: HAKKO PRODUCTS PTE., LTD.
TEL: 6748-2277 FAX: 6744-0033
http://www.hakko.com.sg
E-mail:sales@hakko.com.sg
Please access to the following address for the other Sales affiliates.
http://www.hakko.com
HEAD OFFICE
4-5, Shiokusa 2-chome, Naniwa-ku, Osaka 556-0024 JAPAN
TEL:+81-6-6561-3225 FAX:+81-6-6561-8466
http://www.hakko.com E-mail:sales@hakko.com
© 2017–2018 HAKKO Corporation. All Rights Reserved.
2018.4
MA02939XZ180402
1. PACKING LIST AND PART NAMES
Please check to make sure that all items listed below are included in the package.
2. SPECIFICATIONS
Part name
HAKKO FR-301
Nozzle to ground
potential
<2 mV
Power supply
100V-98W (50/60Hz), 110V-122W
(50/60Hz), 120V-140W (60Hz),
220V-100W (50/60Hz), 230V-110W
(50/60Hz), 240V-120W (50/60Hz)
Vacuum generator Diaphragm pump
Vacuum pressure
81 kPa (610 mmHg)
Suction flow
11 L/min
Temperature range 350 to 500 °C (660 to 930 °F)
Dimensions
215 (W) × 226 (H) mm/8.3 × 8.9 in.
Nozzle to ground
resistance
<2 Ω
Weight
0.52 kg/1.1 lb. with ø1.0 mm
[0.04 in] nozzle
• The temperature was measured using the HAKKO FG-101 Station Tester.
• Specifications and design are subject to change without notice.
HAKKO FR-301 .....................................................1
Ceramic paper filter (L) .........................................2
Nozzle wrench........................................................1
Pre-filter ..................................................................1
Iron holder ..............................................................1
Cleaning Pin (for ø1.0mm [0.04 in] nozzle)............1
Cleaning Pin (for Heating Element)........................1
Instruction manual (This manual) ...........................1
Desoldering Tool
Instruction Manual
Thank you for purchasing the HAKKO FR-301 Desoldering Tool.
Please read this manual before operating the HAKKO FR-301.
Please keep this manual readily accessible for reference.
HAKKO FR-301
Ceramic paper filter (L)
Iron holder
Nozzle wrench
Cleaning Pin
(for ø1.0mm [0.04 in]
nozzle)
Cleaning Pin
(for Heating Element)
Pre-filter


Similar Part No. - C5000

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
C5000 TI1-C5000 Datasheet
957Kb / 4P
Ultra-Low-Power DSP Audio Capacitive Touch BoosterPack
C5000 TI1-C5000_14 Datasheet
957Kb / 4P
Ultra-Low-Power DSP Audio Capacitive Touch BoosterPack
More results

Similar Description - C5000

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0051317799 MOLEX1-0051317799 Datasheet
31Kb / 1P
WXMT Micro-Desoldering Tweezers, No Tip Cartridge
logo
List of Unclassifed Man...
A1002 ETC2-A1002 Datasheet
188Kb / 1P
Desoldering Gun for HAKKO 474.475
A1042 ETC1-A1042 Datasheet
1Mb / 24P
Desoldering Tool
logo
OKI electronic componet...
MX-5000 OKI-MX-5000 Datasheet
1Mb / 12P
Soldering, Desoldering and Rework System
MFR-1300 OKI-MFR-1300 Datasheet
124Kb / 2P
MFR-1300 Desoldering System
logo
List of Unclassifed Man...
DX110 ETC2-DX110 Datasheet
1Mb / 24P
Desoldering & Rework Stations
DP-DSG2 ETC2-DP-DSG2 Datasheet
815Kb / 32P
SOLDERING, DESOLDERING AND REWORK SYSTEMS
SW3PF-100 ETC2-SW3PF-100 Datasheet
392Kb / 9P
DESOLDERING BRAID
logo
Aven, Inc.
17501 AVEN-17501 Datasheet
668Kb / 1P
Soldering/Desoldering Kit - 6pc
17502 AVEN-17502 Datasheet
668Kb / 1P
Soldering/Desoldering Kit - 7pc
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com