Electronic Components Datasheet Search
  English  ▼

X  

C5000 Datasheet(PDF) 10 Page - HAKKO Corporation

Part # C5000
Description  Desoldering Tool
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAKKO [HAKKO Corporation]
Direct Link  https://www.hakko.com/
Logo HAKKO - HAKKO Corporation

C5000 Datasheet(HTML) 10 Page - HAKKO Corporation

Back Button C5000 Datasheet HTML 2Page - HAKKO Corporation C5000 Datasheet HTML 3Page - HAKKO Corporation C5000 Datasheet HTML 4Page - HAKKO Corporation C5000 Datasheet HTML 5Page - HAKKO Corporation C5000 Datasheet HTML 6Page - HAKKO Corporation C5000 Datasheet HTML 7Page - HAKKO Corporation C5000 Datasheet HTML 8Page - HAKKO Corporation C5000 Datasheet HTML 9Page - HAKKO Corporation C5000 Datasheet HTML 10Page - HAKKO Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
8. REPLACEMENT PARTS/OPTION(Continued)
Item No.
Part No.
Part Name
Specifications
(1)
B5023
Valve plate
(2)
B5202
Pump head
(3)
B5024
Diaphragm
(1)
(3)
Motor
Pump frame
Crank shaft
Diaphragm
setting plate
(2)
Fixing plate
Spacer
Crank
Item No.
Part No.
Part Name
Specifications
(1)
B5197
Cover
With screw
(2)
B5018
Inner hose
(3)
B5185
Filter pipe assembly
(4)
B5198
Flange
With screws
(5)
B5201
Power switch
(6)
B5021
Housing
With screws
(7)
B5025
Power cord, 3-wire cord & American plug
B5026
Power cord, 3-wire cord & Chinese plug
B5027
Power cord, 3-wire cord but no plug
B5028
Power cord, 3-wire cord & European plug
B5029
Power cord, 3-wire cord & SI plug
B5030
Power cord, 3-wire cord & BS plug
B5031
Power cord, 3-wire cord & Australian plug
B5033
Power cord, 3-wire cord & American plug (U)
B5034
Power cord, 3-wire cord & BS plug CE
(8)
B5022
Trigger
(9)
B5200
Micro switch
(10)
B5199
Insulation plate
(11)
B5188
P.W.B.
100–110V
B5189
120V
B5190
127V
B5191
220–230V
B5192
240V
(1)
Screw
(2)
(3)
(4)
(6)
(8)
(9)
(10)
(11)
(7)
Cord bushing
Pump assembly
(5)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com