Electronic Components Datasheet Search
  English  ▼

X  

21940 Datasheet(PDF) 6 Page - Infinite Electronics International, Inc.

Part # 21940
Description  Power-assisted compression tools
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

21940 Datasheet(HTML) 6 Page - Infinite Electronics International, Inc.

  21940 Datasheet HTML 1Page - Infinite Electronics International, Inc. 21940 Datasheet HTML 2Page - Infinite Electronics International, Inc. 21940 Datasheet HTML 3Page - Infinite Electronics International, Inc. 21940 Datasheet HTML 4Page - Infinite Electronics International, Inc. 21940 Datasheet HTML 5Page - Infinite Electronics International, Inc. 21940 Datasheet HTML 6Page - Infinite Electronics International, Inc. 21940 Datasheet HTML 7Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
E18
B L ACK BU R N/COLOR- K E YE D/HOM AC TOOL S , DIE S A ND K ITS
—
Power-assisted compression tools
TBM15I 15-ton hydraulic crimping head
• Head made of forged steel and insulated with
rubber boot
• Longer, slimmer design enables easier access
into tight spaces, such as in cable tray and central
office applications
• Wider jaw opening eases crimping of larger
lugs, C-taps and H-taps
• Uses 15600 series dies; can also use
15500 series dies with 15500-TB adaptor
(refer to pp. 31–46)
Specifications
• Installing range:
- Up to 1,500 kcmil copper lugs and splices
- Up to 1,000 kcmil aluminum lugs and splices
- CHT814-10 to CHT750-350-1F copper H-taps
- 63105 to 63180 aluminum H-taps
- 54755 to 54790 C-taps
• Output force: 15 tons
• Operating Pressure: 10,000 psi nominal
• Dimensions (L x W x H): 153/4 in. x 25/8 in. x 43/8 in.
• Weight: 16.5 lb
21940 40-ton hydraulic crimping head
• Compact design delivers maximum pressure
for larger lugs and splices
• Ideal for applications requiring larger lugs
up to 2000 kcmil
• Uses 11300 and 11400 series dies
(refer to pp. 31–46)
Specifications
• Installing range:
- Up to 2,000 kcmil copper lugs and splices
- Up to 2,000 kcmil aluminum lugs and splices
• Output force: 40 tons
• Operating pressure: 10,000 psi nominal
• Dimensions (L x W x H): 12 in. x 43/4 in. x 73/8 in.
• Weight: 40 lb
Cat no.
Description
Pkg. qty.
TBM15I
Insulated 15-ton hydraulic head with steel case
1
Cat no.
Description
Pkg. qty.
21940
40-ton hydraulic press with steel carrying case
1
15600 series – Fits directly into tool for larger size connectors, 800 kcmil–1500 kcmil.
15500 series – Used in conjunction with 15500-TB adaptor, #8 AWG–750 kcmil.
Suggested replacement oil ABB cat. no. 21061 or any light weight hydraulic fluid or automatic transmission fluid is recommended.
Do not use silicon-based fluids.
Creates hex-style crimp
Creates hex-style crimp



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com